Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5959 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L5959
Description  Multifunction voltage regulator for car radio
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5959 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L5959_V01 Datasheet HTML 9Page - STMicroelectronics L5959_V01 Datasheet HTML 10Page - STMicroelectronics L5959_V01 Datasheet HTML 11Page - STMicroelectronics L5959_V01 Datasheet HTML 12Page - STMicroelectronics L5959_V01 Datasheet HTML 13Page - STMicroelectronics L5959_V01 Datasheet HTML 14Page - STMicroelectronics L5959_V01 Datasheet HTML 15Page - STMicroelectronics L5959_V01 Datasheet HTML 16Page - STMicroelectronics L5959_V01 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
L5959
Timing diagrams
13/19
4
Timing diagrams
Figure 3.
Timing diagram of regulators and HSD
Figure 4.
STCAP and RST diagram
DUMP
26.6V
27.4V
VBAT
V8P5
V810
HSD1
HSD2
VSTBY
EN
18V
3.3V
3.3V
8.5V
9V
000
111
111
000
18V
9V
10V
9V
8V
VREGSW
AC00329
VSTBY
VBAT
STCAP
RSTDLY
RST
14V
3.3V
3.18V
3.13V
3.3V
2.7V
t
t
t
AC00330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com