Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5963U-KBX Datasheet(PDF) 40 Page - STMicroelectronics

Part # L5963U-KBX
Description  Automotive dual monolithic switching regulator with LDO and HSD
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963U-KBX Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L5963U-KBX Datasheet HTML 36Page - STMicroelectronics L5963U-KBX Datasheet HTML 37Page - STMicroelectronics L5963U-KBX Datasheet HTML 38Page - STMicroelectronics L5963U-KBX Datasheet HTML 39Page - STMicroelectronics L5963U-KBX Datasheet HTML 40Page - STMicroelectronics L5963U-KBX Datasheet HTML 41Page - STMicroelectronics L5963U-KBX Datasheet HTML 42Page - STMicroelectronics L5963U-KBX Datasheet HTML 43Page - STMicroelectronics L5963U-KBX Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
Package information
L5963
40/49
DocID028553 Rev 3
9.2
PowerSSO-36 (exposed pad) package information
Figure 16. PowerSSO-36 (exposed pad) package outline
Table 11. PowerSSO-36 exposed pad package mechanical data
Ref
Dimensions
Millimeters
Inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.
Ө
0°
-
8°
0°
-
8°
Ө1
5°
-
10°
5°
-
10°
Ө2
0°-
-0°-
-
A
2.15
-
2.45
0.0846
-
0.0965



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com