Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9301-TR Datasheet(PDF) 39 Page - STMicroelectronics

Part # L9301-TR
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301-TR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L9301-TR Datasheet HTML 35Page - STMicroelectronics L9301-TR Datasheet HTML 36Page - STMicroelectronics L9301-TR Datasheet HTML 37Page - STMicroelectronics L9301-TR Datasheet HTML 38Page - STMicroelectronics L9301-TR Datasheet HTML 39Page - STMicroelectronics L9301-TR Datasheet HTML 40Page - STMicroelectronics L9301-TR Datasheet HTML 41Page - STMicroelectronics L9301-TR Datasheet HTML 42Page - STMicroelectronics L9301-TR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
DS11400 Rev 9
39/54
L9301
SPI
53
13
SPI
The SPI interface is used to configure the device, control the output and read the diagnostic
and output status registers.
Every time a bit in one of the SPI registers is set by the L9301 (for example when an error is
detected) it will not be reset until the corresponding registers have been wrote to 0 by SPI.
The bit will not be reset if an SPI error occurs during access to register by the µC or while
L9301 sends the content of the register as an answer.
13.1
CS, SCK, MOSI
5 V ≤ VB < 18 V; -40 °C ≤ Tj ≤ 175 °C unless otherwise specified.
Table 28. CS, SCK, MOSI
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
CS, SCK,
MOSI
V_IH
Logic input high
voltage
-
1.75
-
VDD+0.3
V
V_IL
Logic input low voltage -
-0.3
-
0.75
V
V_Ihys
Logic input hysteresis
-
100
-
1000
mV
Iin
Input current
-
-
-
5
µA
Ri_pu
Pull up resistor
Tested at 1.5 V,
R = (3.3-1.5)/Imeasure
50
-
250
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com