Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9305 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L9305_V01 Datasheet HTML 24Page - STMicroelectronics L9305_V01 Datasheet HTML 25Page - STMicroelectronics L9305_V01 Datasheet HTML 26Page - STMicroelectronics L9305_V01 Datasheet HTML 27Page - STMicroelectronics L9305_V01 Datasheet HTML 28Page - STMicroelectronics L9305_V01 Datasheet HTML 29Page - STMicroelectronics L9305_V01 Datasheet HTML 30Page - STMicroelectronics L9305_V01 Datasheet HTML 31Page - STMicroelectronics L9305_V01 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 107 page
background image
Integrator low threshold:
The integrator such a threshold corresponds to the integrator value at which the PWM toggles from high to low
and the output driver switches off. At this point, the load current reaches its max peak level. In variable frequency
this level also corresponds to the “F_INTEGRAL” signal at the frequency integrator output. Use this integrator
reading to correctly set the “Fint_Start” parameter.
Integrator high threshold:
The integrator such a threshold corresponds to the integrator value at which the PWM toggles from low to high
and the output driver switches on. At this point, the load current reaches its min peak level. In variable frequency
this level is zero. Use this integrator reading to verify the correct functionality of the variable frequency algorithm.
Integrator minimum level:
The minimum current integrator level. Use this integrator reading to correctly set the “NEGINTLIM” parameter.
Integrator maximum level:
The maximum current integrator level. Use this integrator reading to correctly set the “POSINTLIM” parameter.
6.3.3
Solenoid PWM period feedback
The actual PWM time period, whether it is generated by the internal logic in hardware mode or by the INx pins in
software mode, is internally measured at each PWM rising edge and provided to the MCU for comparison with the
programmed value in register Channel_x.PWMSENSE. It is also checked against the minimum period reference
(Tpwm_min) and maximum period reference (Tpwm_max) values. Should the PWM period fall outside these limits,
the TMOUT flag is set in SPI register Channel_x.PWMSENSE indicating the control loop is working at an unusual
value. If no PWM signal is generated after the maximum reference period (Tpwm_max), the average current is
calculated over Tpwm_max period of time.
The PWM period is provided using 15 bits with 1µs resolution, providing feedback for periods exceeding
Tpwm_max values. The PWM period feedback value is obtained by the formula:
PWMPeriod=Cℎannel_x.PWMSENSE.PWMCodeμs
(1)
•
Tpwm_min = 40 µs → fpwm_max = 25 kHz
•
Tpwm_max = 16.667 ms → fpwm_min = 60 Hz
6.3.4
Out of regulation flag
An out of regulation flag is set when the current controller average error is not zero for a time longer than 8 PWM
periods, where the PWM period is the programmed PWM period in SPI register Channel_x.CTRLCFG. The flag is
independent for each channel and is only available in Hardware Current Control mode.
L9305
Current control drivers
DS12774 - Rev 10
page 28/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com