Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9333 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9333
Description  QUAD LOW SIDE DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9333 Datasheet(HTML) 2 Page - STMicroelectronics

  L9333 Datasheet HTML 1Page - STMicroelectronics L9333 Datasheet HTML 2Page - STMicroelectronics L9333 Datasheet HTML 3Page - STMicroelectronics L9333 Datasheet HTML 4Page - STMicroelectronics L9333 Datasheet HTML 5Page - STMicroelectronics L9333 Datasheet HTML 6Page - STMicroelectronics L9333 Datasheet HTML 7Page - STMicroelectronics L9333 Datasheet HTML 8Page - STMicroelectronics L9333 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
L9333
2/13
PIN CONNECTION (Top view)
PIN FUNCTION
Pin
N°
Pin Name
Description
1
IN 1
Input 1
2
IN 2
Input 2
3
DIAG
Diagnostic
4, 5, 6, 7,
14, 15,
16, 17
GND
Ground
8
VS
Supply Voltage
9
IN 3
Input 3
10
IN 4
Input 4
11
EN
Enable
12
OUT4
OUTPUT4
13
OUT 3
OUTPUT 3
18
OUT 2
OUTPUT 2
19
OUT 1
OUTPUT 1
20
PRG
Programming
IN1
IN2
DIAG
GND
GND
GND
GND
VS
IN3
OUT4
OUT3
GND
GND
GND
GND
OUT2
OUT1
PROG
1
3
2
4
5
6
7
8
9
18
17
16
15
14
12
13
11
19
10
20
IN4
EN
D98AT380



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com