Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9347 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9347
Description  Intelligent quad (2x5A/2x2.5A) low-side switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9347 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9347_V01 Datasheet HTML 16Page - STMicroelectronics L9347_V01 Datasheet HTML 17Page - STMicroelectronics L9347_V01 Datasheet HTML 18Page - STMicroelectronics L9347_V01 Datasheet HTML 19Page - STMicroelectronics L9347_V01 Datasheet HTML 20Page - STMicroelectronics L9347_V01 Datasheet HTML 21Page - STMicroelectronics L9347_V01 Datasheet HTML 22Page - STMicroelectronics L9347_V01 Datasheet HTML 23Page - STMicroelectronics L9347_V01 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Timing diagrams
L9347
20/29
4
Timing diagrams
4.1
Non regulated channels
Figure 5.
Output slope, resistive load
Figure 6.
Overload switch OFF delay
99AT0061
t
V
I
V
IH
V
IL
t
V
Q
t
ON
t
f
V
S
t
OFF
t
r
15% V
S
85% V
S
00RS0001
t
I
Q
I
QO
I
QU
t
V
ST
t
D
t
SCP
t
sf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com