Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9347 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9347
Description  Intelligent quad (2x5A/2x2.5A) low-side switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9347 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9347 Datasheet HTML 6Page - STMicroelectronics L9347 Datasheet HTML 7Page - STMicroelectronics L9347 Datasheet HTML 8Page - STMicroelectronics L9347 Datasheet HTML 9Page - STMicroelectronics L9347 Datasheet HTML 10Page - STMicroelectronics L9347 Datasheet HTML 11Page - STMicroelectronics L9347 Datasheet HTML 12Page - STMicroelectronics L9347 Datasheet HTML 13Page - STMicroelectronics L9347 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Electrical specifications
L9347
10/29
.
tD
Status delay time
(5)
896
1024
us
tRE
Regulation error status delay time
(5)
(reg. channels only)
10
ms
tDreg
Output off status delay time
(5)
(reg. channels only
528
s
Reg. current accuracy (reg. channels only)
IQ3/Q4
Minimum current
DC = 10%
200
250
300
mA
IQ3/Q4
Maximum current
DC = 90%
2
2.25
2.5
A
IREG
Max. regulation deviation @
DC 10% - 90%
250mA < IQ3/Q4 < 400mA
400mA
 I
Q3/Q4 800mA
800mA < IQ3/Q4 < 2.25A
±10
±6
±10
%
%
%
I
Q3/Q4
Min. quant. step
5
mA
Frequencies
CLK frequency
crystal-controlled
250
kHz
Input PWM frequency
(reg. channels only)
2
kHz
1.
This parameter will not be tested but assured by design
2.
Short circuit between two digital outputs (one in high the other in low state) will lead to the defined result "LOW"
3.
Measured chip, bond wires not included
4.
Measured on Power SO-36 devices
5.
Digital filtered with external clock, only functional test
Table 3.
Electrical characteristcs: (continued)
(Vs = 4.8 to 18V; Tj = -40 to 150°C unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 4.
Absolute maximum ratings
The absolute maximum ratings are the limiting values for this device. Damage may occur if
this device is subjected to conditions which are beyond these values
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
EQ
Switch off energy for inductive loads
50
mJ
Voltages
VS
Supply voltage
-0.3
40
V
VCC, VDD
Supply voltage
-0.3
6
V
VQ
Output voltage static
40
V
VQ
Output voltage during clamping
t < 1ms
60
V
VIN, VEN
Input voltage IN1 to IN4, EN
II < |10|mA
-1.5
6
V
VCLK
Input Voltage CLK
-1.5
6
V
VST
Output voltage status
-0.3
6
V
VD
Recirculation circuits D3, D4
40
V
VDRmax
max. reverse breakdown voltage of free
wheeling diodes D3, D4
55
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com