Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9352B Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9352B
Description  Intelligent quad (2 x 5A / 2 x 2.5A) low-side switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9352B Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9352B Datasheet HTML 8Page - STMicroelectronics L9352B Datasheet HTML 9Page - STMicroelectronics L9352B Datasheet HTML 10Page - STMicroelectronics L9352B Datasheet HTML 11Page - STMicroelectronics L9352B Datasheet HTML 12Page - STMicroelectronics L9352B Datasheet HTML 13Page - STMicroelectronics L9352B Datasheet HTML 14Page - STMicroelectronics L9352B Datasheet HTML 15Page - STMicroelectronics L9352B Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Electrical specifications
L9352B
12/27
IQ3/Q4
Current Resolution Input Duty Cycle
0.4% - 99% fclk = 2KHz@
0.00A
 I
Q3/Q4 0.25A
0.25A
 I
Q3/Q4  0.40A
0.40A
 I
Q3/Q4  0.80A
0.80A
 I
Q3/Q4  2.25A
-8
25
10
6
6
mA
%
%
%
I
Q3/Q4
Min. quant. step
5
mA
Frequencies
CLK frequency
crystal-controlled
250
kHz
Input PWM frequency
(reg. channels only)
2
kHz
1.
This parameter will not be tested but assured by design.
2.
Short circuit between two digital outputs (one in high the other in low state) will lead to the defined result "LOW".
3.
Digital filtered with external clock, only functional test.
Table 6.
Electrical characteristics (continued)
(VS = 4.8 to 18V; Tj = -40 to 150°C unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com