Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9408F Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9408F
Description  Automotive multifunction smart alternator regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9408F Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9408F Datasheet HTML 4Page - STMicroelectronics L9408F Datasheet HTML 5Page - STMicroelectronics L9408F Datasheet HTML 6Page - STMicroelectronics L9408F Datasheet HTML 7Page - STMicroelectronics L9408F Datasheet HTML 8Page - STMicroelectronics L9408F Datasheet HTML 9Page - STMicroelectronics L9408F Datasheet HTML 10Page - STMicroelectronics L9408F Datasheet HTML 11Page - STMicroelectronics L9408F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Electrical specifications
L9408F
8/14
DocID029462 Rev 1
VOV
D+ drivers disable threshold
Voltage on pin A+ to have
D+ = OFF
18
-
22
V
Tj-sd
Thermal shut-down
DF = Off state
D+ = Off state
170
-
200
°C
Tj-sd-hys
Thermal shut-down hysteresis
DF, D+ = from off state (due to
thermal shutdown) to on
2
-
10
°C
Ron
Low side driver Rdson
Tj = 150 °C; I = 3 A
-
-
230
mΩ
Tj = 25 °C; I = 1 A
-
-
130
mΩ
VF
Freewheeling diode DF
IF = 5 A
-
-
2
V
IfSC(2)
Short circuit threshold DF
DF = 12 V; T = -40 to 25 °C
8.5
-
18
A
DF = 12 V; T = 25 to 125 °C
7
-
18
Vs1
Output short to ground
threshold DF
-
2.1
-
3.9
V
FSDF
Pre-excitation F.S.D.F
f = 348 Hz ±15%
10.62
12.5
14.38
%
tST
Soft start delay time
Activated at first running-on only
-
0
s
tSL
Soft attack time
From 0 to 100% field duty cycle
2.5
2.88
3.39
s
Bl
Soft attack blind zone
% of maximum D.C. immediate
variation of soft attack
0
-
10
%
trise
Output voltage rise time
Ifield = 3 A resistive
5
-
50
μs
tfall
Output voltage fall time
5
-
50
Iflk
Output field driver leakage
current
DF = 24 V
-
-
1
mA
VHS
High side driver saturation
voltage
Isource = 1 A
-
-
1.2
V
VLS
Low side driver saturation
voltage
Isink = 0.25 A
-
-
1.5
V
VLSB
Self bias without supply lamp
driver voltage
--
-
4
V
IHSC
High side current limitation
A+ = 17.5 V; D+ = GND
1.2
-
3
A
ILSC
Low side current limitation
A+ = D+ = 17.5 V
0.45
-
1.5
A
VthD+
Enable regulator voltage D+
-
0.8
1
1.15
V
IthD+
Enable regulator pull-down
current
-
0.4
-
3.5
mA
DISAB
Soft attack inhibition
frequency
-
265
313
360
Hz
EN1
Soft start delay time enable
frequency
-
88
104
120
Hz
EN1_hy
Soft start delay time enable
frequency hysteresis
-EN1-8 EN1-10 EN1-12
Hz
Table 4. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com