Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9524C Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9524C
Description  Glow plug system control IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9524C Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9524C Datasheet HTML 6Page - STMicroelectronics L9524C Datasheet HTML 7Page - STMicroelectronics L9524C Datasheet HTML 8Page - STMicroelectronics L9524C Datasheet HTML 9Page - STMicroelectronics L9524C Datasheet HTML 10Page - STMicroelectronics L9524C Datasheet HTML 11Page - STMicroelectronics L9524C Datasheet HTML 12Page - STMicroelectronics L9524C Datasheet HTML 13Page - STMicroelectronics L9524C Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Electrical specifications
L9524C
10/27
6.5
tOC fil
Overcurrent filter time (2)
400
950
s
Monitoring of external switches (SN1, SN2, SN3, SN4)
7.1
VSD
Switch defect threshold
VVS ·
0.4
VVS ·
0.6
7.2
tSD fil
Switch defect filter time
(2)
12
ms
Gate driver outputs (G1, G2, G3, G4)
8.1
VG off
Gate off voltage
IGX  100AVSNX
VSNX
+0.7V
8.2
VG on
Gate on voltage
VSNX = VVS
VVS
+5V
VVS
+10V
8.3
VG cl
Gate clamping voltage
VSNX = -20V
-18
-16
V
8.4
IG off
Gate discharge current
ICUR = -125µA
270
540
µA
8.5
IG on
Gate charge current
ICUR = -125µA
270
540
µA
8.6
Slope
Gate charge- discharge-
current IG/ICUR
-250
A  I
CUR  -70µA
2.33
4.33
8.7
RG
Output resistance (1)
1k
8.8
t
G on
Jitter of output on time
-300
300
s
Mode input / relay output (IO)
9.1
VIO on
Output on voltage
IIO  -100A3
6
V
9.2
RIO
Output resistance
IIO  -1mA
100
500
W
9.3
IIO
Input pull-down current
VIO  1V
25
100
A
VVS = 0V
50
500
A
9.4
IIO max
Current limitation
-25
-5
mA
9.5
VIO pr
Power regulation
threshold
12
V
9.6
tIO sup
Pulse suppress time (2)
2.5
5
ms
Positive sense inputs (SP1, SP2, SP3, SP4)
10.1
ISP leak
Leakage current
VVS  3V
0
5
A
10.2
ISP
Input pull-down current
VSNX = VSPX  6V
15
780
A
10.3
RSP1-4
Pull-down resistor
6V
 V
SNX = VSPX  20V
-40°C
40
100
270
k
35°C
40
150
270
125°C
40
220
270
Negative sense inputs (SN1, SN2, SN3, SN4, SN5, SN6)
11.1
ISN
Input pull-down current
VSNX = VSPX  6V
15
780
A
Table 5.
Electrical characteristics (continued)
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com