Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9637 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9637
Description  Monolithic bus driver with ISO 9141 interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9637 Datasheet(HTML) 3 Page - STMicroelectronics

  L9637_V01 Datasheet HTML 1Page - STMicroelectronics L9637_V01 Datasheet HTML 2Page - STMicroelectronics L9637_V01 Datasheet HTML 3Page - STMicroelectronics L9637_V01 Datasheet HTML 4Page - STMicroelectronics L9637_V01 Datasheet HTML 5Page - STMicroelectronics L9637_V01 Datasheet HTML 6Page - STMicroelectronics L9637_V01 Datasheet HTML 7Page - STMicroelectronics L9637_V01 Datasheet HTML 8Page - STMicroelectronics L9637_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
L9637
Block diagram and pin description
Doc ID 1765 Rev 8
3/15
1
Block diagram and pin description
1.1
Block diagram
Figure 1.
Block diagram
1.2
Pin description
Figure 2.
Pin connection (top view)
TX
RX
LO
GND
LI
-
+
VS
VCC
K
1, 75V
-
+
RT X
R L O
RRX
IL I
IK
OF F
-
+
Table 2.
Pin description
N.
Name
Function
1
RX
Output for K as input
2
LO
Output L comparator
3
VCC
Stabilized voltage supply
4
TX
Input for K as output
5
GND
Common GND
6
K
Bidirectional I/O
7
VS
Supply voltage
8
LI
Input L comparator
RX
LO
VCC
TX
GND
K
VS
LI
1
3
2
4
6
5
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com