Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663-1 Datasheet(PDF) 72 Page - STMicroelectronics

Part # L9663-1
Description  Automotive PSI5 Transceiver IC
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663-1 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button L9663-1 Datasheet HTML 68Page - STMicroelectronics L9663-1 Datasheet HTML 69Page - STMicroelectronics L9663-1 Datasheet HTML 70Page - STMicroelectronics L9663-1 Datasheet HTML 71Page - STMicroelectronics L9663-1 Datasheet HTML 72Page - STMicroelectronics L9663-1 Datasheet HTML 73Page - STMicroelectronics L9663-1 Datasheet HTML 74Page - STMicroelectronics L9663-1 Datasheet HTML 75Page - STMicroelectronics L9663-1 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 106 page
background image
Communication interface
L9663
72/106
DS11401 Rev 6
TSM2_ESn, n=1…6 (PROG)
Time Slot Monitoring Channel 2, Earliest Start of Slot n
Address:
100101 (TSM1_ES1) .. 101010 (TSM1_ES6)
Type:
R/W
Description:
default values: TSM2_TES1=0x002c, TSM2_TES2=0x00b5, TSM2 _TES3=0x8149,
TSM2_ES4,5,6= 0x8000.
TSM2_END (PROG)
Time Slot Monitoring Channel 2, End of last Slot
Address:
101011
Type:
R/W
Description:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Default value:
10
00
000
000
00
000
0
R/W
[15] PAR: Odd parity bit for register bits [15:0]
[14:12] RESERVED
[11:0] ST_CH2_n: Start time of time slot n on PSI5 channel 2
The start time for the given time slot after the sync pulse trigger
Steps of 1 µs
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Default value:
10
00
000
111
10
110
0
R/W
[15] PAR: Odd parity bit for register bits [15:0]
[14:12] RESERVED
[11:0] ET_CH2_n: End time of time slot on PSI5 channel 2
The end time of the last given slot after the sync pulse trigger
Steps of 1 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com