Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72PXPTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # L99PM72PXPTR
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXPTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L99PM72PXPTR Datasheet HTML 9Page - STMicroelectronics L99PM72PXPTR Datasheet HTML 10Page - STMicroelectronics L99PM72PXPTR Datasheet HTML 11Page - STMicroelectronics L99PM72PXPTR Datasheet HTML 12Page - STMicroelectronics L99PM72PXPTR Datasheet HTML 13Page - STMicroelectronics L99PM72PXPTR Datasheet HTML 14Page - STMicroelectronics L99PM72PXPTR Datasheet HTML 15Page - STMicroelectronics L99PM72PXPTR Datasheet HTML 16Page - STMicroelectronics L99PM72PXPTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 128 page
background image
L99PM72PXP
Detailed description
Doc ID 023553 Rev 3
13/128
2
Detailed description
2.1
Voltage regulators
The L99PM72PXP contains two independent and fully protected low drop voltage
regulators, which are designed for very fast transient response and do not require
electrolytic output capacitors for stability.
The output voltage is stable with ceramic load capacitors
 220 nF.
2.1.1
Voltage regulator: V1
The V1 voltage regulator provides 5 V supply voltage and up to 250 mA continuous load
current and is mainly intended for supply of the system microcontroller. The V1 regulator is
embedded in the power management and Fail_safe functionality of the device and operates
according to the selected operating mode.
It can be used to supply the internal HS CAN Transceiver via the CANSUP pin externally. In
case of a short circuit condition on the CAN bus, the output current of the transmitter is
limited to 100 mA and the transceiver is turned off in order to ensure continued supply of the
microcontroller.
In addition the regulator V1 drives the L99PM72PXP internal 5 V loads. The voltage
regulator is protected against overload and overtemperature. An external reverse current
protection has to be provided by the application circuitry to prevent the input capacitor from
being discharged by negative transients or low input voltage. Current limitation of the
regulator ensures fast charge of external bypass capacitors. The output voltage is stable for
ceramic load capacitors
 220 nF.
If the device temperature exceeds the TSD1 threshold, all outputs (OUTx, RELx, V2, LIN)
are deactivated except V1. Hence the micro controller has the possibility for interaction or
error logging. In case of exceeding TSD2 threshold (TSD2 > TSD1), also V1 is deactivated
(see Figure 23: Thermal shutdown protection and diagnosis). A timer is started and the
voltage regulator is deactivated for tTSD = 1 sec. During this time, all other wakeup sources
(CAN, LIN, WU1...3 and wake up of µC by timer) are disabled. After 1 sec, the voltage
regulator tries to restart automatically. If the restart fails 7 times, within one minute, without
clearing and thermal shutdown condition still exists, the L99PM72PXP enters the Forced
VBat_standby Mode.
In case of short to GND at "V1" after initial turn on (V1 <2V for t> tV1 short) the
L99PM72PXP enters the Forced VBat_standby Mode. Reactivation (wake-up) of the device
can be achieved with signals from CAN, LIN, WU1..3 or periodic wake by timer.
2.1.2
Voltage regulator: V2
The voltage regulator V2 can supply additional 5 V loads (e.g. logic components or the
integrated HS CAN transceiver or external loads such as sensors or potentiometers. The
maximum continuous load current is 100 mA. The regulator is protected against:
●
Overload
●
Overtemperature
●
Short circuit (short to ground and battery supply voltage)
●
Reverse biasing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com