Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99SD01-E Datasheet(PDF) 28 Page - STMicroelectronics

Part # L99SD01-E
Description  Integrated solenoid driver for automotive applications
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99SD01-E Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L99SD01-E Datasheet HTML 24Page - STMicroelectronics L99SD01-E Datasheet HTML 25Page - STMicroelectronics L99SD01-E Datasheet HTML 26Page - STMicroelectronics L99SD01-E Datasheet HTML 27Page - STMicroelectronics L99SD01-E Datasheet HTML 28Page - STMicroelectronics L99SD01-E Datasheet HTML 29Page - STMicroelectronics L99SD01-E Datasheet HTML 30Page - STMicroelectronics L99SD01-E Datasheet HTML 31Page - STMicroelectronics L99SD01-E Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
Electrical specification
L99SD01-E
28/46
DocID022573 Rev 5
6
Electrical specification
6.1
Absolute maximum rating
Table 5. Absolute maximum rating
Symbol
Parameter
Value
Unit
VBATT
Maximum DC supply voltage
40
V
VBATT_REV
Reverse DC supply voltage
-0.3
V
VLOAD
Maximum DC load voltage
Internally limited
V
ILOAD
Maximum DC load current
Internally limited
to ISHORT
A
IR(LOAD)
Maximum reverse output current, TC = 25°C;
t= 5ms.
-20
A
EAS
Single pulse energy S1 switch; VBATT =13.5 V;
Tj =150°C; L= 6mH; RL =0 Ω, typical clamp
voltage
88
mJ
EREP1
Repetitive energy S1 switch. VBATT =13.5V;
Tj =125°C; L= 6mH; RL =0 Ω, typical clamp
voltage
38.6
mJ
EREP2
Repetitive energy S1 switch. VBATT =13.5V;
Tj = -40°C; L= 6mH; RL =0 Ω, typical clamp
voltage
70
mJ
VC3V3
3.3 V logic supply voltage range
-0.3 to 3.6
V
VVDDL
5 V external supply voltage
5.5
V
VSYNC_INJ
VE0 VE1 VE2
VCHECK_SIGNAL
VSCL
VSDA VMAINT_IPK
VPWM
VCLAMP_FLAG
VFAULT
VENABLE
Logic input / output voltage range
-0.3 to VDDL+0.3
V
VIN_SIGNAL
VREC
HV signal pins
-0.3 to VBATT
V
VOUT
Output pin
55
V
VCTANK
Maximum charge pump output voltage
VBATT + 15V
V
VCPUMP1
VCPUMP2
Maximum charge pump pins voltage
VBATT
V
VESD
Electrostatic discharge (R = 1.5kW, C = 100pF,
all pins)
+/-2000
V
Tj
Junction operating temperature
-40 to 150
°C
TSTG
Storage temperature
-55 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com