Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01 Datasheet(PDF) 77 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button L99UDL01_V01 Datasheet HTML 73Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 74Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 75Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 76Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 77Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 78Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 79Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 80Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 88 page
background image
DS12511 Rev 5
77/88
L99UDL01
Programmers guide
87
FLTx_y
Each integrated output has 2 bits assigned to communicate status.
Each current regulation loop provides information about an output going under current
regulation. This information is reported in fault register at the end of the Ton phase (just
before the braking phase).
An overcurrent flag occurs if the internal switch exceeds the maximum current allowed
(IOC_HS/IOC_LS). Due to how the active freewheeling circuit is activated, overcurrent
fault may only occur on the driving MOSFET. The freewheeling MOSFET will only show
an overcurrent if there is a short across the driving element while freewheeling.
Once an overcurrent fault is detected no CNR fault can be reported until the register is
reset with a read & clear command. An overcurrent event will latch off an output until
this register is read and cleared. An overcurrent fault has priority over CNR fault
regardless of the age of the fault.A CNR flag can be set if the driver is shorted. To
determine if a load is missing or the output is shorted an off-state diagnostic should be
performed.
CNR flag will not disable an output
CNR is not available when DBN_x = 1 (x = 1...6)
13
RD_Fail
Read fail
Cleared
0
12
FLT6_1
Output 6 Fault diagnostic bit 1
Cleared (1)
0
11
FLT6_0
Output 6 Fault diagnostic bit 0
Cleared (1)
0
10
FLT5_1
Output 5 Fault diagnostic bit 1
Cleared (1)
0
9
FLT5_0
Output 5 Fault diagnostic bit 0
Cleared (1)
0
8
FLT4_1
Output 4 Fault diagnostic bit 1
Cleared (1)
0
7
FLT4_0
Output 4 Fault diagnostic bit 0
Cleared (1)
0
6
FLT3_1
Output 3 Fault diagnostic bit 1
Cleared (1)
0
5
FLT3_0
Output 3 Fault diagnostic bit 0
Cleared (1)
0
4
FLT2_1
Output 2 Fault diagnostic bit 1
Cleared (1)
0
3
FLT2_0
Output 2 Fault diagnostic bit 0
Cleared (1)
0
2
FLT1_1
Output 1 Fault diagnostic bit 1
Cleared (1)
0
1
FLT1_0
Output 1 Fault diagnostic bit 0
Cleared (1)
0
0 LSB
Parity
Parity bit
1
1. It is recommended, if a read and clear operation is performed, that all bits for that output (or paralleled outputs) be cleared.
Otherwise there could be confusion as to the reported fault.
Table 52. 10H register bit description (continued)
Bit No.
Function
Level
State after Read
& Clear
Default
(after POR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com