Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL600 Datasheet(PDF) 8 Page - Elma Electronic Ltd

Part # AL600
Description  Single Pair Ethernet Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

AL600 Datasheet(HTML) 8 Page - Elma Electronic Ltd

Back Button AL600 Datasheet HTML 4Page - Elma Electronic Ltd AL600 Datasheet HTML 5Page - Elma Electronic Ltd AL600 Datasheet HTML 6Page - Elma Electronic Ltd AL600 Datasheet HTML 7Page - Elma Electronic Ltd AL600 Datasheet HTML 8Page - Elma Electronic Ltd AL600 Datasheet HTML 9Page - Elma Electronic Ltd AL600 Datasheet HTML 10Page - Elma Electronic Ltd AL600 Datasheet HTML 11Page - Elma Electronic Ltd AL600 Datasheet HTML 12Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Embedded Blue® • AL600 • Single Pair Ethernet Switch
Simplified Block Diagram
AL600
Single Pair Ethernet Switch
11 Port Switch
10G Core
88Q5072
bottom mount
mezzanine expansion
connector
100BASE-T1
802.3bw
10 - SerDes
SMI
Slave
9 - SerDes
1
1 - T1
1000BASE-T
5Gbps
88EA1512
DC/
DC
EEP
ROM
PHY
+5V
SiC967 (6A)
P1
Debug
P0
top mount
mezzanine expansion
connector
DC
9V-
54V
5Gbps
Embedded Blue®
2
3
4
5
6
7
2 - T1
3 - T1
4 - T1
5 - T1
6 - T1
7 - T1
8
8 - RGMII
MDIO
CMC
TVS
58V
100V
10A
DC IN
Chipfuse
Option
+VIN
V1/V0
11 - PCIe
ARM Cortex-M7
Block Diagram
© EKF
-8-
ekf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com