Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5-059-13 Datasheet(PDF) 1 Page - Bernstein-Werkzeugfabrik Steinrucke GmbH

Part # 5-059-13
Description  SPECIAL TWEEZER SETS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BERNSTEIN [Bernstein-Werkzeugfabrik Steinrucke GmbH]
Direct Link  https://www.bernstein-werkzeuge.de/
Logo BERNSTEIN - Bernstein-Werkzeugfabrik Steinrucke GmbH

5-059-13 Datasheet(HTML) 1 Page - Bernstein-Werkzeugfabrik Steinrucke GmbH

  5-059-13 Datasheet HTML 1Page - Bernstein-Werkzeugfabrik Steinrucke GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
122
5-030 3-piece set of electronic tweezers from titan
non-reflective, stainless, solder-repellent in a wallet
No.
Description of individual tools
Weight: 60 g
5-031
Titan-tweezers, sharply pointed, 110 mm
5-036
Titan-tweezers, straight, round, wide, 145 mm, with serration
5-037
Titan-tweezers, fine bent tips, 150 mm
5-110 3-piece set of engineer´s tweezers
made from steel, nickel-plated in a wallet
No.
Description of individual tools
Weight: 95 g
5-107
Engineer‘s tweezers, 150 mm, fine curved tips, fine serrated
5-121
Engineer‘s tweezers, 120 mm, straight, narrow pointed tips
5-155
Crossed tweezers, (self-locking) jaws 5 mm wide,
finely serrated, 160 mm
5-030
5-110
SPECIAL TWEEZER SETS
5-050 6-pcs. set of special tweezers
for the SMD-technique, matt finish, stainless,
anti-magnetic in a wallet
No.
Description of individual tools
Weight: 135 g
5-051
SMD-tweezers, straight pointed, 115 mm
5-052
SMD-tweezers, bent, very sharply pointed, 110 mm
5-054
SMD-tweezers, sickle-shaped curved, very sharply pointed, 120 mm
5-058
SMD-tweezers, crossed, bent, pointed, 120 mm
5-061
SMD-tweezers, bent, fl at tips 2 mm wide, 115 mm
5-062
SMD-tweezers, bent, flat tips, with gripping cavity, 115 mm
5-060 6-pcs. set ESD-tweezers
for the SMD-technique in a wallet made from
dissipative material
No.
Description of individual tools
Weight: 155 g
5-049-13 SMD tweezers, 110 mm, straight, very sharply pointed
5-055-13 SMD-tweezers, sickle-shaped, very sharply pointed, 120 mm
5-059-13 SMD tweezers, 120 mm, flat, rounded tips, 2 mm width, 2aSA
5-067-13 SMD tweezers, 120 mm, tip 45° angled, 2 mm width
5-068-13 SMD-tweezers, tip angled, 1.6 mm, 120 mm
5-078-13 SMD tweezers, 130 mm, tapering, chisel, 1 mm width
5-050
5-060


Similar Part No. - 5-059-13

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5-0 TEC-5-0 Datasheet
235Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
5-0 TEC-5-0 Datasheet
189Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Aries Electronics, Inc.
5-002-152FBP ARIES-5-002-152FBP Datasheet
583Kb / 1P
Fusion Bonded Cable Jumpers
5-002-171PTLHT ARIES-5-002-171PTLHT Datasheet
248Kb / 2P
Flat Pin Staked Flex Jumpers
5-002-172PTLHT ARIES-5-002-172PTLHT Datasheet
248Kb / 2P
Flat Pin Staked Flex Jumpers
More results

Similar Description - 5-059-13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RHK VISHAY-RHK Datasheet
81Kb / 2P
Voltage Multiplier Sets
23-May-05
logo
Connor-Winfield Corpora...
STC4130 CONNOR-WINFIELD-STC4130 Datasheet
416Kb / 44P
Synchronous Clock for SETS
logo
Pomona Electronics
5142 POMONA-5142 Datasheet
35Kb / 1P
Cable Assembly - SMD Test Tweezer To BNC Male
5143 POMONA-5143 Datasheet
85Kb / 1P
SMD Test Tweezer To Single Stacking Banana Plugs
5678 POMONA-5678 Datasheet
23Kb / 1P
SMD Test Tweezer Leads To Sleeved Banana Plugs
5898 POMONA-5898 Datasheet
24Kb / 1P
Replacement Test Lead Sets
logo
List of Unclassifed Man...
18811 ETC2-18811 Datasheet
29Kb / 1P
Accu-Tek Pattern 72 Tweezer
logo
STMicroelectronics
AN2471 STMICROELECTRONICS-AN2471 Datasheet
307Kb / 12P
STMAV335 has three sets
13-Mar-2007
logo
Connor-Winfield Corpora...
STC5423 CONNOR-WINFIELD-STC5423 Datasheet
1Mb / 60P
Synchronous Clock for SETS
logo
IDEAL-TEK SA
K5HP.SA.DC IDEAL-TEK-K5HP.SA.DC Datasheet
563Kb / 2P
Diamond Coated Tweezer Kit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com