Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1190RGVR.B Datasheet(PDF) 7 Page - Texas Instruments

Part # CC1190RGVR.B
Description  850 – 950 MHz RF Front End
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1190RGVR.B Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC1190RGVR.B Datasheet HTML 3Page - Texas Instruments CC1190RGVR.B Datasheet HTML 4Page - Texas Instruments CC1190RGVR.B Datasheet HTML 5Page - Texas Instruments CC1190RGVR.B Datasheet HTML 6Page - Texas Instruments CC1190RGVR.B Datasheet HTML 7Page - Texas Instruments CC1190RGVR.B Datasheet HTML 8Page - Texas Instruments CC1190RGVR.B Datasheet HTML 9Page - Texas Instruments CC1190RGVR.B Datasheet HTML 10Page - Texas Instruments CC1190RGVR.B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
20
25
30
35
40
45
50
55
60
-40 -30 -20 -10
0
30
40
50
70
80
Temperature- C
o
200
220
240
260
280
300
320
340
360
10
20
60
I_VDD
PAE
POUT
20
25
30
35
40
45
50
55
2
2.2
2.4
3
3.2
3.4
3.6
SupplyVoltage-V
175
200
225
250
275
300
325
350
2.6
2.8
POUT
PAE
I_VDD
Frequency(850MHzto950MHz)
CC1190
www.ti.com
SWRS089 A – NOVEMBER 2009 – REVISED FEBRUARY 2010
TYPICAL CHARACTERISTICS (continued)
TC = 25°C, VDD = 3 V, fRF = 915 MHz (unless otherwise noted). Measured on CC1190EM reference design including external
matching components optimized for 915 MHz operation.
Figure 8. PA Output Power, PAE and Current Consumption
Figure 9. PA Output Power, PAE and Current Consumption
vs Temperature at 5 dBm Input Power
vs Supply Voltage at 5 dBm Input Power
Figure 10. Input Impedance Measured at SMA connector on PA_IN/LNA_OUT on CC1190EM (TX Active)
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :CC1190



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com