Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74ACT157M Datasheet(PDF) 14 Page - Texas Instruments

Part # CD74ACT157M
Description  CD74ACT157 Quadruple 2-Line to 1-Line Data Selector/Multiplexer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74ACT157M Datasheet(HTML) 14 Page - Texas Instruments

Back Button CD74ACT157M Datasheet HTML 10Page - Texas Instruments CD74ACT157M Datasheet HTML 11Page - Texas Instruments CD74ACT157M Datasheet HTML 12Page - Texas Instruments CD74ACT157M Datasheet HTML 13Page - Texas Instruments CD74ACT157M Datasheet HTML 14Page - Texas Instruments CD74ACT157M Datasheet HTML 15Page - Texas Instruments CD74ACT157M Datasheet HTML 16Page - Texas Instruments CD74ACT157M Datasheet HTML 17Page - Texas Instruments CD74ACT157M Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
8.3 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating listed in the
Recommended Operating Conditions.
Each VCC terminal should have a good bypass capacitor to prevent power disturbance. For the CD74ACT157, a
0.1μF bypass capacitor is recommended. To reject different frequencies of noise, use multiple bypass capacitors
in parallel. Capacitors with values of 0.1μF and 1μF are commonly used in parallel.
8.4 Layout
8.4.1 Layout Guidelines
• Bypass capacitor placement
– Place near the positive supply terminal of the device
– Provide an electrically short ground return path
– Use wide traces to minimize impedance
– Keep the device, capacitors, and traces on the same side of the board whenever possible
• Signal trace geometry
– 8mil to 12mil trace width
– Lengths less than 12cm to minimize transmission line effects
– Avoid 90° corners for signal traces
– Use an unbroken ground plane below signal traces
– Flood fill areas around signal traces with ground
– Parallel traces must be separated by at least 3x dielectric thickness
– For traces longer than 12cm
• Use impedance controlled traces
• Source-terminate using a series damping resistor near the output
• Avoid branches; buffer each signal that must branch separately
8.4.2 Layout Example
W
W
≥ 5W
WORST
BETTER
BEST
Figure 8-3. Example Trace Corners for Improved Signal Integrity
CD74ACT157
SCHS340D – MARCH 2003 – REVISED JULY 2025
www.ti.com
14
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: CD74ACT157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com