Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVD1213 Datasheet(PDF) 4 Page - Texas Instruments

Part # CDCLVD1213
Description  CDCLVD1213 1:4 Low Additive Jitter LVDS Buffer With Divider
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVD1213 Datasheet(HTML) 4 Page - Texas Instruments

  CDCLVD1213 Datasheet HTML 1Page - Texas Instruments CDCLVD1213 Datasheet HTML 2Page - Texas Instruments CDCLVD1213 Datasheet HTML 3Page - Texas Instruments CDCLVD1213 Datasheet HTML 4Page - Texas Instruments CDCLVD1213 Datasheet HTML 5Page - Texas Instruments CDCLVD1213 Datasheet HTML 6Page - Texas Instruments CDCLVD1213 Datasheet HTML 7Page - Texas Instruments CDCLVD1213 Datasheet HTML 8Page - Texas Instruments CDCLVD1213 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
CDCLVD1213
SCAS897A – JULY 2010 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: CDCLVD1213
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
Human-body model, 1.5-kΩ, 100-pF
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
>3000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
>1000
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Device supply voltage
2.375
2.5
2.625
V
TA
Ambient temperature
–40
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
CDCLVD1213
UNIT
RGT (VQFN)
16 PINS
RθJA
Junction-to-ambient thermal resistance
51.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
85.4
°C/W
RθJB
Junction-to-board thermal resistance
20.1
°C/W
ψJT
Junction-to-top characterization parameter
1.3
°C/W
ψJB
Junction-to-board characterization parameter
19.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
6
°C/W
6.5 Electrical Characteristics
VCC = 2.375 V to 2.625 V and TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIVIDER CONTROL INPUT (DIV) CHARACTERISTICS
VdI3
3-state input
Open
0.5 × VCC
V
VdIH
Input high voltage
0.7 × VCC
V
VdIL
Input low voltage
0.2 × VCC
V
IdIH
Input high current
VCC = 2.625 V, VIH = 2.625 V
30
μA
IdIL
Input low current
VCC = 2.625 V, VIL = 0 V
–30
μA
Rpull(DIV)
Input pullup or pulldown resistor
200
kΩ
DIFFERENTIAL INPUTS (INP, INN) CHARACTERISTICS
fIN
Input frequency
Clock input
800
MHz
VIN, DIFF
Differential input voltage peak-to-
peak
VICM = 1.25 V
0.3
1.6
VPP
VICM
Input common-mode voltage range
1
VCC – 0.3
V
RIN
Input termination
INP, INN to VT, DC
70
Ω
IIH
Input high current
VCC = 2.625 V, VIH = 2.625 V
10
μA
IIL
Input low current
VCC = 2.625 V, VIL = 0 V
–10
μA
ΔV/ΔT
Input edge rate
20% to 80%
0.75
V/ns
CIN
Input capacitance
2.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com