Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCS502 Datasheet(PDF) 3 Page - Texas Instruments

Part # CDCS502
Description  Crystal Oscillator / Clock Generator with optional SSC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCS502 Datasheet(HTML) 3 Page - Texas Instruments

  CDCS502 Datasheet HTML 1Page - Texas Instruments CDCS502 Datasheet HTML 2Page - Texas Instruments CDCS502 Datasheet HTML 3Page - Texas Instruments CDCS502 Datasheet HTML 4Page - Texas Instruments CDCS502 Datasheet HTML 5Page - Texas Instruments CDCS502 Datasheet HTML 6Page - Texas Instruments CDCS502 Datasheet HTML 7Page - Texas Instruments CDCS502 Datasheet HTML 8Page - Texas Instruments CDCS502 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PACKAGE THERMAL RESISTANCE FOR TSSOP (PW) PACKAGE
(1)
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
RECOMMENDED CRYSTAL SPECIFICATIONS
(1)
CDCS502
www.ti.com........................................................................................................................................................................................... SCAS868 – DECEMBER 2008
THERMAL AIR FLOW (CFM)
CDCV304PW 8-PIN TSSOP
UNIT
0
150
250
500
RθJA
High K
149
142
138
132
°C/W
RθJA
Low K
230
185
170
150
°C/W
RθJC
High K
65
°C/W
RθJC
High K
69
°C/W
(1)
The package thermal impedance is calculated in accordance with JESD 51 and JEDEC2S2P (high-k board).
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VDD
Supply voltage range
–0.5 to 4.6
V
VIN
Input voltage range
–0.5 to 4.6
V
Vout
Output voltage range
–0.5 to 4.6
V
IIN
Input current (VI < 0, VI > VDD)
±20
mA
Iout
Continuous output current
±50
mA
TST
Storage temperature range
–65 to 150
°C
TJ
Maximum junction temperature
125
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
NOM
MAX
UNIT
VDD
Supply voltage
3.0
3.6
V
fIN
Input Frequency
8
32
MHz
VIL
Low level input voltage LVCMOS
0.3 VDD
V
VIH
High level input voltage LVCMOS
0.7 VDD
V
VI
Input Voltage threshold LVCMOS
0.5 VDD
V
CL
Output Test Load LVCMOS
10
pF
IOH/IOL
Output Current
12
mA
TA
Operating free-air temperature
–40
85
°C
PARAMETER
CONDITIONS
MIN
NOM
MAX
UNIT
FS = 0
8
32
fX-tal
Crystal input frequency range
MHz
FS = 1
8
27
ESR
Effective series resistance(2)
180
CL
On-chip load capacitance at Xin and Xout
10
pF
TX-tal
Crystal power dissipation
50
µW
(1)
For further details on the crystal, see the crystal part in the Applications section
(2)
With 5 pF crystal package parallel capacitance
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): CDCS502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com