Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCS502PW Datasheet(PDF) 1 Page - Texas Instruments

Part # CDCS502PW
Description  Crystal Oscillator / Clock Generator with optional SSC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCS502PW Datasheet(HTML) 1 Page - Texas Instruments

  CDCS502PW Datasheet HTML 1Page - Texas Instruments CDCS502PW Datasheet HTML 2Page - Texas Instruments CDCS502PW Datasheet HTML 3Page - Texas Instruments CDCS502PW Datasheet HTML 4Page - Texas Instruments CDCS502PW Datasheet HTML 5Page - Texas Instruments CDCS502PW Datasheet HTML 6Page - Texas Instruments CDCS502PW Datasheet HTML 7Page - Texas Instruments CDCS502PW Datasheet HTML 8Page - Texas Instruments CDCS502PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
FEATURES
APPLICATIONS
PACKAGE
SSC_SEL 0
1
8
XOUT
SSC_SEL 1
2
7
FS
GND
3
6
OUT
XIN
4
5
CDCS502
VDD
BLOCK DIAGRAM
V DD
GND
OUT
XIN
Xout
SSC_SEL 0
SSC_SEL 1
FS
XO
Control
Logic
LV
CMOS
x1orx4
/SSC
CDCS502
www.ti.com........................................................................................................................................................................................... SCAS868 – DECEMBER 2008
Crystal Oscillator / Clock Generator with optional SSC
• Consumer and Industrial Applications
• Part of a Family of Easy to use Clock
requiring Crystal Oscillator with the possibility
Generator Devices With Optional SSC
of EMI reduction through Spread Spectrum
• Crystal Oscillator With Integrated Crystal
Clocking
Capacitors, Selectable Output Frequency and
Selectable SSC
• SSC Controllable via 2 External Pins
–
±0%, ±0.5%, ±1%, ±2% Center Spread
• Frequency Multiplication Selectable Between
x1 or x4 With one External Control Pin
• Single 3.3V Device Power Supply
• Wide Temperature Range –40°C to 85°C
• Low space Consumption by 8 pin TSSOP
Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCS502PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCS502PW TI-CDCS502PW Datasheet
353Kb / 11P
Crystal Oscillator / Clock Generator with optional SSC
CDCS502PW TI1-CDCS502PW Datasheet
566Kb / 12P
Crystal Oscillator / Clock Generator with optional SSC
CDCS502PW TI2-CDCS502PW Datasheet
574Kb / 14P
Crystal Oscillator / Clock Generator with optional SSC
DECEMBER 2008
CDCS502PW.B TI2-CDCS502PW.B Datasheet
574Kb / 14P
Crystal Oscillator / Clock Generator with optional SSC
DECEMBER 2008
CDCS502PWR TI-CDCS502PWR Datasheet
353Kb / 11P
Crystal Oscillator / Clock Generator with optional SSC
More results

Similar Description - CDCS502PW

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25822-2 CYPRESS-CY25822-2 Datasheet
74Kb / 9P
CK-SSC Spread Spectrum Clock Generator
logo
NIHON DEMPA KOGYO
NZ2520SB NDK-NZ2520SB Datasheet
96Kb / 1P
Crystal Clock Oscillator
logo
Texas Instruments
CDCS502 TI-CDCS502 Datasheet
353Kb / 11P
Crystal Oscillator / Clock Generator with optional SSC
CDCS501 TI-CDCS501 Datasheet
309Kb / 10P
SSC Clock Generator/Buffer
CDCS503 TI-CDCS503 Datasheet
307Kb / 9P
Clock Buffer/Clock Multiplier With Optional SSC
CDCS503-Q1 TI1-CDCS503-Q1 Datasheet
527Kb / 14P
Clock Buffer/Clock Multiplier With Optional SSC
CDCS502 TI1-CDCS502_12 Datasheet
566Kb / 12P
Crystal Oscillator / Clock Generator with optional SSC
CDCS503 TI1-CDCS503_16 Datasheet
958Kb / 11P
Clock Buffer/Clock Multiplier With Optional SSC
CDCE937 TI1-CDCE937_17 Datasheet
1Mb / 39P
Flexible Low Power LVCMOS Clock Generator With SSC Support For EMI Reduction
logo
Silicon Laboratories
SL38000-15AH SILABS-SL38000-15AH Datasheet
177Kb / 10P
4-PLL Clock Generator with SSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com