Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD87331Q3D Datasheet(PDF) 3 Page - Texas Instruments

Part # CSD87331Q3D
Description  CSD87331Q3D Synchronous Buck NexFET™ Power Block
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD87331Q3D Datasheet(HTML) 3 Page - Texas Instruments

  CSD87331Q3D Datasheet HTML 1Page - Texas Instruments CSD87331Q3D Datasheet HTML 2Page - Texas Instruments CSD87331Q3D Datasheet HTML 3Page - Texas Instruments CSD87331Q3D Datasheet HTML 4Page - Texas Instruments CSD87331Q3D Datasheet HTML 5Page - Texas Instruments CSD87331Q3D Datasheet HTML 6Page - Texas Instruments CSD87331Q3D Datasheet HTML 7Page - Texas Instruments CSD87331Q3D Datasheet HTML 8Page - Texas Instruments CSD87331Q3D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
3
CSD87331Q3D
www.ti.com
SLPS283B – SEPTEMBER 2011 – REVISED FEBRUARY 2017
Product Folder Links: CSD87331Q3D
Submit Documentation Feedback
Copyright © 2011–2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Pulse duration
≤ 50 µs, Duty cycle ≤ 0.01%.
5 Specifications
5.1 Absolute Maximum Ratings
TA = 25°C (unless otherwise noted)
(1)
PARAMETER
CONDITIONS
MIN
MAX
UNIT
Voltage
VIN to PGND
30
V
VSW to PGND
30
VSW to PGND (10 ns)
32
TG to TGR
–8
10
BG to PGND
–8
10
Pulsed current rating, IDM
(2)
45
A
Power dissipation, PD
6
W
Avalanche energy, EAS
Sync FET, ID = 42 A, L = 0.1 mH
88
mJ
Control FET, ID = 24 A, L = 0.1 mH
29
Operating junction, TJ
–55
150
°C
Storage temperature, TSTG
–55
150
°C
5.2 Recommended Operating Conditions
TA = 25°C (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
MAX
UNIT
Gate drive voltage, VGS
4.5
8
V
Input supply voltage, VIN
27
V
Switching frequency, ƒSW
CBST = 0.1 µF (min)
1500
kHz
Operating current
15
A
Operating temperature, TJ
125
°C
(1)
Measurement made with six 10-µF (TDK C3216X5R1C106KT or equivalent) ceramic capacitors placed across VIN to PGND pins and
using a high current 5-V driver IC.
5.3 Power Block Performance
(1)
TA = 25°C (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Power loss, PLOSS
(1)
VIN = 12 V, VGS = 5 V, VOUT = 1.3 V,
IOUT = 10 A, ƒSW = 500 kHz,
LOUT = 1 µH, TJ = 25°C
1.3
W
VIN quiescent current, IQVIN
TG to TGR = 0 V BG to PGND = 0 V
10
µA
(1)
RθJC is determined with the device mounted on a 1-in
2 (6.45-cm2), 2-oz (0.071-mm) thick Cu pad on a 1.5-in × 1.5-in
(3.81-cm × 3.81-cm), 0.06-in (1.52-mm) thick FR4 board. RθJC is specified by design while RθJA is determined by the user’s board
design.
(2)
Device mounted on FR4 material with 1-in2 (6.45-cm2) Cu.
5.4 Thermal Information
TA = 25°C (unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJA
Junction-to-ambient thermal resistance (min Cu)(1)
149
°C/W
Junction-to-ambient thermal resistance (max Cu)(1)(2)
80
RθJC
Junction-to-case thermal resistance (top of package)(1)
36
°C/W
Junction-to-case thermal resistance (PGND pin)
(1)
3.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com