Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD87381P.B Datasheet(PDF) 12 Page - Texas Instruments

Part # CSD87381P.B
Description  CSD87381P Synchronous Buck NexFET™ Power Block II
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD87381P.B Datasheet(HTML) 12 Page - Texas Instruments

Back Button CSD87381P.B Datasheet HTML 8Page - Texas Instruments CSD87381P.B Datasheet HTML 9Page - Texas Instruments CSD87381P.B Datasheet HTML 10Page - Texas Instruments CSD87381P.B Datasheet HTML 11Page - Texas Instruments CSD87381P.B Datasheet HTML 12Page - Texas Instruments CSD87381P.B Datasheet HTML 13Page - Texas Instruments CSD87381P.B Datasheet HTML 14Page - Texas Instruments CSD87381P.B Datasheet HTML 15Page - Texas Instruments CSD87381P.B Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
CSD87381P
SLPS405F – MARCH 2013 – REVISED MARCH 2015
www.ti.com
Application Information (continued)
6.1.4 Calculating Power Loss and SOA
The user can estimate product loss and SOA boundaries by arithmetic means (see Design Example). Though
the power loss and SOA curves in this data sheet are taken for a specific set of test conditions, the following
procedure outlines the steps the user should take to predict product performance for any set of system
conditions.
6.1.4.1 Design Example
Operating Conditions:
•
Output Current = 8 A
•
Input Voltage = 4 V
•
Output Voltage = 1 V
•
Switching Frequency = 800 kHz
•
Inductor = 0.2 µH
6.1.4.2 Calculating Power Loss
•
Power Loss at 8 A = 1.44 W (Figure 1)
•
Normalized Power Loss for input voltage
≈ 1.06 (Figure 6)
•
Normalized Power Loss for output voltage
≈ 0.97 (Figure 7)
•
Normalized Power Loss for switching frequency
≈ 1.11 (Figure 5)
•
Normalized Power Loss for output inductor
≈ 1.13 (Figure 8)
•
Final calculated power loss = 1.44 W × 1.06 × 0.97 × 1.11 × 1.13
≈ 1.86 W
6.1.4.3 Calculating SOA Adjustments
•
SOA adjustment for input voltage
≈ 0.7ºC (Figure 6)
•
SOA adjustment for output voltage
≈ –0.3ºC (Figure 7)
•
SOA adjustment for switching frequency
≈ 1.03ºC (Figure 5)
•
SOA adjustment for output inductor
≈ 1.5ºC (Figure 8)
•
Final calculated SOA adjustment = 0.7 + (–0.3) + 1.3 + 1.5
≈ 2.2ºC
In the previous design example, the estimated power loss of the CSD87381P would increase to 1.86 W. In
addition, the maximum allowable board or ambient temperature, or both, would have to decrease by 2.2ºC.
Figure 28 graphically shows how the SOA curve would be adjusted accordingly.
1. Start by drawing a horizontal line from the application current to the SOA curve.
2. Draw a vertical line from the SOA curve intercept down to the board or ambient temperature.
3. Adjust the SOA board or ambient temperature by subtracting the temperature adjustment value.
12
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com