Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF Datasheet(PDF) 1 Page - Mersen

Part # PCF
Description  Fast-Acting PC Mount Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERSEN [Mersen]
Direct Link  https://www.mersen.com/en
Logo MERSEN - Mersen

PCF Datasheet(HTML) 1 Page - Mersen

  PCF Datasheet HTML 1Page - Mersen PCF Datasheet HTML 2Page - Mersen  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MERSEN.COM
MF 11
RATINGS:
• Volts: 600VAC / DC
• Amps: 1 to 30A
• I.R.: 100kA I.R.
• L/R: ≤10ms
HIGHLIGHTS:
• Fast-acting
• PC board mount
• Three mounting styles
APPLICATIONS:
• Protection of main frame
power boards, circuit breakers,
components
APPROVALS:
• UL Recognized Components File
E60314
Mersen’s PCF series of fast-acting direct-mountable fuses addresses
the increasing need for electrical protection at the PC board as
current and voltage requirements push higher. These fuses help
printed circuit board manufacturers reduce parts by eliminating clips
and fuse blocks and allowing automated assembly. PCF fuses can
be used for the protection of main frame power boards, small circuit
breakers with low-interrupting ratings and other critical components.
PCF fuses bring greatly-increased ampere, voltage and interrupting
ratings to the board itself and are UL Component Recognized.
CATALOG NUMBERS (AMPS)
Slot Mount
Double Hole Mount
Surface Mount
PCF1-R
PCF8-R
PCF1-H
PCF8-H
PCF1-S
PCF8-S
PCF2-R
PCF10-R
PCF2-H
PCF10-H
PCF2-S
PCF10-S
PCF3-R
PCF12-R
PCF3-H
PCF12-H
PCF3-S
PCF12-S
PCF4-R
PCF15-R
PCF4-H
PCF15-H
PCF4-S
PCF15-S
PCF5-R
PCF20-R
PCF5-H
PCF20-H
PCF5-S
PCF20-S
PCF6-R
PCF25-R
PCF6-H
PCF25-H
PCF6-S
PCF25-S
PCF7-R
PCF30-R
PCF7-H
PCF30-H
PCF7-S
PCF30-S
PCF30/50-H
PCF
Fast-Acting PC Mount Fuses
MIDGE T, PC MOUNT & MINIATURE FUSES
FAST-ACTING FUSES FOR DIRECT MOUNTING ON
PRINTED CIRCUIT BOARDS


Similar Part No. - PCF

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
PCF WELWYN-PCF Datasheet
1Mb / 4P
PRECISION SURFACE MOUNT RESISTORS
logo
TT Electronics.
PCF TTELEC-PCF Datasheet
813Kb / 6P
precision thin film technology
logo
Nichicon corporation
PCF NICHICON-PCF Datasheet
1Mb / 3P
Chip Type, Standard
logo
TE Connectivity Ltd
PCF TEC-PCF Datasheet
7Mb / 38P
RELAYS, CONTACTORS & CIRCUIT BREAKERS
02/20 JN
logo
TT Electronics.
PCF TTELEC-PCF Datasheet
872Kb / 6P
Precision Thin Film Nichrome Chip Resistors
12.16
More results

Similar Description - PCF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
0402SFF100F MACOM-0402SFF100F Datasheet
180Kb / 4P
Raychem Fast Acting Surface-Mount Fuses
logo
Bourns Electronic Solut...
SF-0402F BOURNS-SF-0402F Datasheet
374Kb / 4P
Fast Acting Surface Mount Fuses
SF-0603F050-2 BOURNS-SF-0603F050-2 Datasheet
366Kb / 4P
Fast Acting Surface Mount Fuses
SF-1206F050-2 BOURNS-SF-1206F050-2 Datasheet
375Kb / 4P
Fast Acting Surface Mount Fuses
logo
List of Unclassifed Man...
AF2-3507 ETC2-AF2-3507 Datasheet
668Kb / 8P
2410 Fast Acting Surface Mount Fuses
F1206FA0500V063T ETC2-F1206FA0500V063T Datasheet
103Kb / 3P
1206 Fast Acting Surface Mount Fuses
logo
Bourns Electronic Solut...
SF-1206F BOURNS-SF-1206F Datasheet
375Kb / 4P
Fast Acting Surface Mount Fuses
logo
List of Unclassifed Man...
KTU-601 ETC1-KTU-601 Datasheet
664Kb / 4P
fast-acting fuses
logo
Bourns Electronic Solut...
SF-0603FPXXXM BOURNS-SF-0603FPXXXM Datasheet
405Kb / 5P
Fast Acting Precision Surface Mount Fuses
SF0603F BOURNS-SF0603F Datasheet
633Kb / 4P
Fast Acting Surface Mount Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com