Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFS Datasheet(PDF) 1 Page - Mersen

Part # RFS
Description  TRADITIONAL PROTECTION FOR CIRCUITS WITH LESS THAN 10,000A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERSEN [Mersen]
Direct Link  https://www.mersen.com/en
Logo MERSEN - Mersen

RFS Datasheet(HTML) 1 Page - Mersen

  RFS Datasheet HTML 1Page - Mersen RFS Datasheet HTML 2Page - Mersen  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EP.MERSEN.COM
B22
RF/RFS
Class H
UL/CSA LISTED POWER FUSES
TRADITIONAL PROTECTION FOR CIRCUITS
WITH LESS THAN 10,000A
RF and RFS general purpose fuses are suitable for applications where
available short circuit currents do not exceed 10,000 amperes. RF and
RFS renewable fuses use matched RL and RLS die-cut zinc links from 1
to 600 amperes in 32 ratings.
FEATURES/BENEFIT S:
•
Knurled bushings for ease of disassembly
•
Rugged construction for maximum service life
•
Precision die-cut renewal links renew quickly and give repeatable
performance
S AFE TY NO TE:
Class H fuses of the renewable type shall be permitted to be used
only for replacement in existing installations where there is no
evidence of overfusing or tampering (NFPA 70, Article 240.60 [D]).
RATINGS:
RF
•
Volts: 250VAC
•
Amps: 1 to 600A
•
IR: 10kA I.R. AC
RFS
•
Volts: 600VAC
•
Amps: 1 to 600A
•
IR: 10kA I.R. AC
HIGHLIGHT S:
•
Renewable
•
32 Renewable link ratings
APPLIC ATIONS:
•
General purpose loads
where short circuits are
10,000 amperes or less
APPRO VALS:
•
UL listed to standard 248-7
File E2137
•
CSA certified to standard
C22.2 no. 248.7


Similar Part No. - RFS

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
RFS NICHICON-RFS Datasheet
733Kb / 2P
High Capacitance
logo
Taiyo Yuden (U.S.A.), I...
RFS-100V101J6 TAIYO-YUDEN-RFS-100V101J6 Datasheet
256Kb / 2P
FOR AUTOMOTIVE AUDIO MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RFS]
RFS-100V101J6#5N TAIYO-YUDEN-RFS-100V101J6#5N Datasheet
256Kb / 2P
FOR AUTOMOTIVE AUDIO MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RFS]
RFS-100V101MJ6 TAIYO-YUDEN-RFS-100V101MJ6 Datasheet
256Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RFS]
RFS-100V101MJ6#5 TAIYO-YUDEN-RFS-100V101MJ6#5 Datasheet
256Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RFS]
More results

Similar Description - RFS

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NTPA78R0LB1A0 MURATA-NTPA78R0LB1A0 Datasheet
199Kb / 3P
most suitable for power supplies of less than 100W
NTPA94R0LB1A0 MURATA-NTPA94R0LB1A0 Datasheet
196Kb / 3P
most suitable for power supplies of less than 100W
NTPA94R0LBMB0 MURATA-NTPA94R0LBMB0 Datasheet
199Kb / 3P
most suitable for power supplies of less than 100W
logo
List of Unclassifed Man...
1604A ETC2-1604A_17 Datasheet
335Kb / 1P
Leakage: less than 0.1 mA
logo
SIFIRST TECHNOLOGIES NA...
SF5533 SIFIRST-SF5533 Datasheet
84Kb / 2P
Less than 75mW Standby Power
SF5533H SIFIRST-SF5533H Datasheet
85Kb / 2P
Less than 75mW Standby Power
SF5539H SIFIRST-SF5539H Datasheet
87Kb / 2P
Less than 75mW Standby Power
SF6771S SIFIRST-SF6771S Datasheet
149Kb / 2P
Less than 75mW Standby Power
logo
Shenzhen Huazhimei Semi...
HM2507 HMSEMI-HM2507 Datasheet
534Kb / 12P
Low belt current (less than 1uA)
logo
EHAOAN.
EH-2525W18T EHAOAN-EH-2525W18T Datasheet
1Mb / 7P
Instant light(less than 100ns)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com