Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF80/RL80 Datasheet(PDF) 2 Page - Mersen

Part # RF80/RL80
Description  TRADITIONAL PROTECTION FOR CIRCUITS WITH LESS THAN 10,000A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERSEN [Mersen]
Direct Link  https://www.mersen.com/en
Logo MERSEN - Mersen

RF80/RL80 Datasheet(HTML) 2 Page - Mersen

  RF80/RL80 Datasheet HTML 1Page - Mersen RF80/RL80 Datasheet HTML 2Page - Mersen  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EP.MERSEN.COM
B23
NOR TH AMERIC AN
POWER FUSES
C ATAL OG NUMBERS (AMPS)
Note: Order RF/RFS for Class H Renewable Fuse Order RL/RLS for Renewable Fuse Links
DIMENSIONS
61-600A
0-60A
REC OMMENDED FUSE
BL OCK S WITH B O X
C ONNECT ORS F OR
RENEWABLE CLA S S H
Ampere
Fuse
Rating
Catalog Number
250V
600V
1-Pole
3-Pole
1-Pole
3-Pole
0-30
20306
20308
60306
60308
31-60
20606
20608
60606
60608
61-100
21036
21038
61036
61038
101-200
22001
22003
62001
62003
201-400 24001
24003
64001
64003
401-600 2631
2633
6631
6633
Ampere
Rating
A
B
C
D
E
in
mm
in
mm
in
mm
in
mm
in
mm
250V-RF Fuses
0-30
2
51
9/16
14
-
-
-
-
-
-
31-60
3
76
13/16 21
-
-
-
-
-
-
61-100
5-7/8
149
1-1/16 27
1/8
3
3/4
19
1
25
101-200
7-1/8
181
1-9/16 40
3/16
5
1-1/8
28
1-3/8
35
201-400
8-5/8
219
2-1/16 53
1/4
6
1-5/8
41
1-7/8
48
401-600
10-3/8 264
2-9/16 66
1/4
6
2
51
2-1/4
57
600V-RFS Fuses
0-30
5
127
13/16 21
-
-
-
-
-
-
31-60
5-1/2
139
1-1/16 27
-
-
-
-
-
-
61-100
7-7/8
200
1-5/16 34
1/8
3
3/4
19
1
25
101-200
9-5/8
244
1-13/16 46
3/16
5
1-1/8
28
1-3/8
35
201-400
11-5/8 295
2-9/16 66
1/4
6
1-5/8
41
1-7/8
48
401-600
13-3/8 340
3-1/8
80
1/4
6
2
51
2-1/4
57
250V
600V
RF1/RL1
RF45/RL45
RF225/RL225
RFS1/RLS1
RFS45/RLS45
RFS225/RLS225
RF2/RL2
RF50/RL50
RF250/RL250
RFS2/RLS2
RFS50/RLS50
RFS250/RLS250
RF3/RL3
RF60/RL60
RF300/RL300
RFS3/RLS3
RFS60/RLS60
RFS300/RLS300
RF5/RL5
RF70/RL70
RF350/RL350
RFS5/RLS5
RFS70/RLS70
RFS350/RLS350
RF6/RL6
RF80/RL80
RF400/RL400
RFS6/RLS6
RFS80/RLS80
RFS400/RLS400
RF10/RL10
RF90/RL90
RF450/RL450
RFS10/RLS10
RFS90/RLS90
RFS450/RLS450
RF15/RL15
RF100/RL100
RF500/RL500
RFS15RLS15
RFS100/RLS100
RFS500/RLS500
RF20/RL20
RF110/RL110
RF600/RL600
RFS20/RLS20
RFS110/RLS110
RFS600/RLS600
RF25/RL25
RF125/RL125
RFS25/RLS25
RFS125/RLS125
RF30/RL30
RF150/RL150
RFS30/RLS30
RFS150/RLS150
RF35/RL35
RF175/RL175
RFS35/RLS35
RFS175/RLS175
RF40/RL40
RF200/RL200
RFS40/RLS40
RFS200/RLS200
A variety of pole configurations and termination
provisions are available. Refer to Section H for
details.
RF/RFS
Class H
UL/CSA LISTED
POWER FUSES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com