Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9826 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9826
Description  Octal protected low-side driver with diagnostic and serial/parallel input control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9826 Datasheet(HTML) 3 Page - STMicroelectronics

  L9826_V01 Datasheet HTML 1Page - STMicroelectronics L9826_V01 Datasheet HTML 2Page - STMicroelectronics L9826_V01 Datasheet HTML 3Page - STMicroelectronics L9826_V01 Datasheet HTML 4Page - STMicroelectronics L9826_V01 Datasheet HTML 5Page - STMicroelectronics L9826_V01 Datasheet HTML 6Page - STMicroelectronics L9826_V01 Datasheet HTML 7Page - STMicroelectronics L9826_V01 Datasheet HTML 8Page - STMicroelectronics L9826_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
L9826
List of tables
Doc ID 7214 Rev 10
3/19
List of tables
Table 1.
Device summary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Table 2.
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Table 3.
Absolute maximum ratings for voltages and currents applied externally to the device. . . . . 7
Table 4.
Absolute maximum ratings for currents determined within the device . . . . . . . . . . . . . . . . . 7
Table 5.
Thermal data. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Table 6.
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Table 7.
Outputs control tables . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Table 8.
Diagnostic table for outputs 1 and 2 in parallel controlled mode . . . . . . . . . . . . . . . . . . . . 15
Table 9.
Diagnostic table for outputs 1 to 8 in SPI controlled mode . . . . . . . . . . . . . . . . . . . . . . . . . 15
Table 10.
Document revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com