Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 94 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button L9908_V01 Datasheet HTML 90Page - STMicroelectronics L9908_V01 Datasheet HTML 91Page - STMicroelectronics L9908_V01 Datasheet HTML 92Page - STMicroelectronics L9908_V01 Datasheet HTML 93Page - STMicroelectronics L9908_V01 Datasheet HTML 94Page - STMicroelectronics L9908_V01 Datasheet HTML 95Page - STMicroelectronics L9908_V01 Datasheet HTML 96Page - STMicroelectronics L9908_V01 Datasheet HTML 97Page - STMicroelectronics L9908_V01 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 152 page
background image
Note:
The application software must configure T_ofd_blank to ensure that the motor is not running and the phases are
not energized. For some applications the maximum available T_ofd_blank configuration could be too short, the
application software then shall enable the OFD circuit with an additional delay after disabling the bridge drivers.
Table 87. OFD electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max Unit
Notes
OFD_rvef
OFD phase reference voltage
in with no fault
OFDn_EN = 01
OFDi,j_EN = 10
2
2.7
3.1
V
-
OFD_vpd_ol
OFD open load voltage in pd
mode
OFDn_EN = 10
SHS_n = No load
-
-
0.9
V
-
OFD_ipu
OFD pull up current capability
OFDn_EN = 01
2.25
-
3.3
mA -
OFD_ipd
OFD pull down current
capability
OFDn_EN = 10
0.6
0.75
0.9
mA
It includes an ILEAK
contribution
OFD_scb_th
OFD_SCB detection threshold -
-
SLS_n+1.7
-
V
Not subject to
production test
OFD_scg_th
OFD_SCG detection threshold -
-
VDH-0.7
-
V
Not subject to
production test
T_ofd_flt
OFD fault detection filter time
-
85
100
115
μs
Digital filter
T_ofd_blank_acc OFD Blanking Time accuracy
CLK_SSM_EN = 0 -15
-
15
%
-
Note:
All parameters are guaranteed, and tested, in the voltage ranges reported above in Table 5 unless otherwise
specified. Where not specified the parametrical operating range equals the functional operating range.
5.15
On State Diagnosis (OND)
L9908 implements a monitoring unit to detect failure condition affecting the load during the half bridges ON state
by monitoring the voltage drain-source drop across the Ext. FET.
The ON state diagnosis unit is composed by a dedicated VDS comparator for each HS and LS Ext. FET that
constantly monitors the voltage drop during FET`s ON state.
ON State Load Failure Mode Detection:
•
Short-circuit to ground at one SHS_n terminals → HSn_STG flag is set to 1
•
Short-circuit to battery at one SHS_n terminals → LSn_STB flag is set to 1
The ON state diagnosis can be disabled by a dedicated SPI bit as follows:
Table 88. OND enable bits
ONDn_DIS
Description
0
ON State diagnosis enabled on n-th HS and LS (Default)
1
ON State diagnosis disabled on n-th HS and LS
When the OND monitoring is disabled while having the fault flag set, the flag will not be cleared until SPI read.
If VDH-SHS_n ≥ V_ond_hs_th occurs for an interval longer than T_ond_flt filter time, the HSn_STG flag is set.
The error flag remains set until the failure condition is removed and the flag is cleared by the SPI command.
If SHS_n-SLSn ≥ V_ond_ls_th occurs for an interval longer than T_ond_flt filter time, the LSn_STB flag is set. The
error flag remains set until the failure condition is removed and the flag is cleared by the SPI command.
L9908
Functional description
DS13546 - Rev 5
page 94/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com