Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9912TR Datasheet(PDF) 66 Page - STMicroelectronics

Part # L9912TR
Description  Automotive vehicle conform car alternator regulator IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9912TR Datasheet(HTML) 66 Page - STMicroelectronics

Back Button L9912TR Datasheet HTML 62Page - STMicroelectronics L9912TR Datasheet HTML 63Page - STMicroelectronics L9912TR Datasheet HTML 64Page - STMicroelectronics L9912TR Datasheet HTML 65Page - STMicroelectronics L9912TR Datasheet HTML 66Page - STMicroelectronics L9912TR Datasheet HTML 67Page - STMicroelectronics L9912TR Datasheet HTML 68Page - STMicroelectronics L9912TR Datasheet HTML 69Page - STMicroelectronics L9912TR Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 84 page
background image
SPI interface
L9912
66/84
DocID029639 Rev 2
13.4.7
PH-SENSE register [0x13]
L9912 system provides a Phase Period Measurement block: the input phase signal (or
signals) is (are) suitably filtered and processed.
The logic measures the time interval (PhaseMeas), in 64 us units, corresponding to 4
periods (PhasePeriod = PhaseMeas / 4) of the phase signal: this time can be easily
converted into the rotor speed according to the number of pole pairs (Np):
RotorSpeed (rpm) =
For example, at 3000 rpm, in a system with 6 pole pairs, we obtain the following data:
Therefore, reading the 208 value and applying the above formula we can compute:
Table 47. PH-SENSE register [0x13]
Bit
Register name
Reset
value
Description
13
PH-Sense Measurement Timed -
OUT
0
This bit indicates the absence of rotation or a
too slow rotation
The timeout is notified to the microcontroller by
setting bit 0 of GSW word.
The flag is cleared by reading this register
12
PHASE_REGULATION_REQUEST
1
This bit, valid only when a new phase value has
been notified (GSW.0=1) indicates that the
phase input voltage has been below the
threshold for at least 4 periods.
11
Reserved
-
-
10-0 RPM_PHASE_PERIOD
-
This register contains the phase sense
measurement expressed into 64 us units.
A new available measurement or is notified to
the microcontroller by setting bit 0 of GSW
word.
The new measurement notification is cleared by
reading this register
Table 48. Example in a system with 6 pole pairs at 3000 rpm
Parameter
Value
Rotor frequency
50 Hz (3000 rpm / 60)
Phase frequency
300 Hz (50 * 6)
Phase period
3.33 ms
4 phase periods
13.33 ms
Phase measurement
208 (13.33 ms / 64 µs)
60
Np PhasePeriod
--------------------------------------------------
60
Np
PhaseMeas:4

---------------------------------------------------------
240
Np PhaseMeas
-----------------------------------------------
240
Np PhaseVal 64
s
-----------------------------------------------------------
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com