Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLP270M-TR Datasheet(PDF) 21 Page - STMicroelectronics

Part # CLP270M-TR
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLP270M-TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button CLP270M-TR Datasheet HTML 16Page - STMicroelectronics CLP270M-TR Datasheet HTML 17Page - STMicroelectronics CLP270M-TR Datasheet HTML 18Page - STMicroelectronics CLP270M-TR Datasheet HTML 19Page - STMicroelectronics CLP270M-TR Datasheet HTML 20Page - STMicroelectronics CLP270M-TR Datasheet HTML 21Page - STMicroelectronics CLP270M-TR Datasheet HTML 22Page - STMicroelectronics CLP270M-TR Datasheet HTML 23Page - STMicroelectronics CLP270M-TR Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
CLP270M
21/24
Fig 37 : Mounting on epoxy FR4 head dissipation by extending the area of the copper layer
Fig 38 : Mounting on epoxy FR4 by using copper-filled through holes for heat transfer
FR4 board
Copper foil
FR4 board
Copper foil
heat transfer
heatsink
SUBSTRATES AND MOUNTING INFORMA-
TION
The use of epoxy FR4 boards is quite common for
surface mounting techniques, however, their poor
thermal conduction compromises the otherwise
outstanding
thermal
performance
of
the
PowerSO-10. Some methods to overcome this
limitation are discussed below.
One possibility to improve the thermal conduction
is the use of large heat spreader areas at the
copper layer of the PC board. This leads to a
reduction of thermal resistance to 35 °C for 6 cm
2
of the board heatsink (see fig. 37).
Use of copper-filled through holes on conventional
FR4 techniques will increase the metallization and
decrease thermal resistance accordingly. Using
a configuration with 16 holes under the spreader of
the package with a pitch of 1.8 mm and a diameter
of 0.7 mm, the thermal resistance (junction -
heatsink) can be reduced to 12°C/W (see fig. 38).
Beside the thermal advantage, this solution allows
multi-layer boards to be used. However, a
drawback of this traditional material prevent its use
in very high power, high current circuits. For
instance, it is not advisable to surface mount
devices with currents greater than 10 A on FR4
boards. A Power Mosfet or Schottky diode in a
surface mount
power package can handle up to
around 50 A if better substrates are used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com