Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9911K Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9911K
Description  Car alternator multifunction smart voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9911K Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9911K Datasheet HTML 4Page - STMicroelectronics L9911K Datasheet HTML 5Page - STMicroelectronics L9911K Datasheet HTML 6Page - STMicroelectronics L9911K Datasheet HTML 7Page - STMicroelectronics L9911K Datasheet HTML 8Page - STMicroelectronics L9911K Datasheet HTML 9Page - STMicroelectronics L9911K Datasheet HTML 10Page - STMicroelectronics L9911K Datasheet HTML 11Page - STMicroelectronics L9911K Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Electrical specification
L9911
8/20
DocID10990 Rev 13
Vreg 1
Regulated voltage & thermal drift.
3 configurations available,
selectable by mask option (see
Table 8).
Ialt =1 A-0.9 · Inom; Tcase = 20 °C;
1400 < rpm < RPMMAX
(see Figure 2)
14.0
-4.5
14.4
-3.5
14.8
-2.5
V
mV/°C
Vreg 2
Ialt =10 A; Tcase = 23 °C;
rpm = 6000 rpm; 15 V max.
(see Figure 3)
14.35
-11.8
14.5
-10
14.65
-8.2
V
mV/°C
Vreg 3
Ialt =10 A; Tcase = 23 °C;
rpm = 6000 rpm (see Figure 4)
14.35
-6
14.5
-4
14.65
-2
V
mV/°C
Vreg 4
Ialt =10 A; Tcase = 23 °C;
rpm = 6000 rpm (see Figure 5)
13.95
-3.5
14.2
-2.5
14.3
-1.5
V
mV/°C
Vrpm
-
1400<rpm<RPMMAX; Ialt = 10 A
-
-
200
mV
Vload
-
5 A<Ialt < Inom; rpm = 6000 rpm
-
-
250
mV
Vreg-less
Reg. voltage without battery
Ialt = 3 A resistive; Tcase = 25 °C;
2000 < rpm < RPMMAX
12
-
16
V
Vov-p
Overvoltage protection threshold
Voltage on pin
B+ to disable L
drivers
High and low
side driver off
18
-
22
V
Vov-d
Overvoltage diagnosis threshold
VB+ to turn on L low side driver
at VF+ > VS1
Vreg -
5%
Vreg
Vreg +
5%
V
Tj-sd
Thermal shutdown threshold
Temperature to disable F+,
DFM, L (high & low side drivers)
160
175
190
°C
Tj-sd-dwn Thermal shut-down hysteresis
L/F+/DFM from OFF STATE
(due to thermal shutdown) to ON
STATE
Tj-sd-
10
-
Tj-sd-
2
°C
Vuv-1
Under voltage diagnosis threshold
VB+ to turn on L low side driver
7.7
8.6
9.5
V
Vuv-up
VB+ to turn off L low side driver
Vuv +
0.40
Vuv +
0.75
Vuv+
1.2
V
VF+_sat
Field driver saturation voltage
Tj = 150 °C; I = 4.5 A
-
-
0.6
V
Tj = 25 °C; I = 7 A
-
-
0.55
V
Vf
Freewheeling diode F+
I = 5 A
-
-
2
V
If_SCTH
Field short circuit driver protection
threshold current
(see Figure 15)
F+ = 0 V; Tj = -40 °C
11
-
18
A
F+ = 0 V; Tj = -25 °C
9.5
-
18
A
F+ = 0 V; Tj = -150 °C
9
-
18
A
Vs1
Field driver ON-state detection
-
4.5
-
5.5
V
f-pre
Pre-excitation frequency
-
283
333
383
Hz
Duty-pre
Pre-excitation Field driver ON-duty
-
15.93
18.75
21.57
%
tr
Output voltage rise time
Ifield = 3 A resistive
see Figure 6)
10
-
50
μs
tf
Output voltage fall time
10
-
50
μs
Fsw_F+
Field switching frequency
Ialt = 1 A~0.9 · Inom;
1400 rpm < rpm < RPMMAX
250
-
400
Hz
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com