Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9952GXP Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9952GXP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952GXP Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9952GXP Datasheet HTML 17Page - STMicroelectronics L9952GXP Datasheet HTML 18Page - STMicroelectronics L9952GXP Datasheet HTML 19Page - STMicroelectronics L9952GXP Datasheet HTML 20Page - STMicroelectronics L9952GXP Datasheet HTML 21Page - STMicroelectronics L9952GXP Datasheet HTML 22Page - STMicroelectronics L9952GXP Datasheet HTML 23Page - STMicroelectronics L9952GXP Datasheet HTML 24Page - STMicroelectronics L9952GXP Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
L9952GXP
Description
Doc ID 13518 Rev 6
21/68
2.15
Operational amplifiers
The operational amplifiers are especially designed to be used for sensing and amplifying the
voltage drop across ground connected shunt resistors. Therefore the input common mode
range includes - 0.2 ... 3V.
The operational amplifiers are designed for GND + 3V... GND – 0.2V input voltage swing
and rail-to-rail output voltage range. All Pins (positive, negative and outputs ) are available
to be able to operate in non-inverting and inverting mode. Both operational amplifiers are
on-chip compensated for stability over the whole operating range within the defined load
impedance.
Figure 7.
Lin master pull up
A dedicated built-in switch “Tsw” enables the LIN to act as a master. (see chapter 2.18)
2.16
LIN bus interface
General requirements:
●
Speed communication up to 20kbit/s
●
LIN 2.0 compliant (SAEJ2602 compatible) transceiver
●
Function range from +40V to -18V DC at LIN Pin
●
GND disconnection fail safe at module level
●
Off mode: does not disturb network
●
GND shift operation at system level
●
Microcontroller Interface with CMOS compatible I/O pins.
●
Pull up resistor internal.
●
ESD: immunity against automotive transients per ISO7637 specification (see
application note)
●
Matched output slopes and propagation delay
In order to further reduce the current consumption in standby mode, the integrated LIN bus
interface offers an ultra low current consumption.
con t r o l
Vs
LIN
co n t r o l
30k
LIN
Gn d
1k
Ma st e r n o de
p u ll u p
LIN P U
T
SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com