Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9969X Datasheet(PDF) 64 Page - STMicroelectronics

Part # L9969X
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969X Datasheet(HTML) 64 Page - STMicroelectronics

Back Button L9969X_V01 Datasheet HTML 60Page - STMicroelectronics L9969X_V01 Datasheet HTML 61Page - STMicroelectronics L9969X_V01 Datasheet HTML 62Page - STMicroelectronics L9969X_V01 Datasheet HTML 63Page - STMicroelectronics L9969X_V01 Datasheet HTML 64Page - STMicroelectronics L9969X_V01 Datasheet HTML 65Page - STMicroelectronics L9969X_V01 Datasheet HTML 66Page - STMicroelectronics L9969X_V01 Datasheet HTML 67Page - STMicroelectronics L9969X_V01 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 70 page
background image
Ref
Dimensions (mm)
Min.
Typ.
Max.
Option A
D1
6.5
-
7.1
E2
4.1
-
4.7
1. Dimensions D and E1 do not include mold flash or protrusions. Allowable mold flash or protrusions is ‘0.25 mm’ per side D
and ‘0.15 mm’ per side E1. D and E1 are Maximum plastic body size dimensions including mold mismatch.
L9969x
Package information
DS14029 - Rev 6
page 64/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com