Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN9D5D20F Datasheet(PDF) 53 Page - STMicroelectronics

Part # VN9D5D20F
Description  4 channel high-side driver with 24-bit SPI interface for automotive applications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN9D5D20F Datasheet(HTML) 53 Page - STMicroelectronics

Back Button VN9D5D20F Datasheet HTML 49Page - STMicroelectronics VN9D5D20F Datasheet HTML 50Page - STMicroelectronics VN9D5D20F Datasheet HTML 51Page - STMicroelectronics VN9D5D20F Datasheet HTML 52Page - STMicroelectronics VN9D5D20F Datasheet HTML 53Page - STMicroelectronics VN9D5D20F Datasheet HTML 54Page - STMicroelectronics VN9D5D20F Datasheet HTML 55Page - STMicroelectronics VN9D5D20F Datasheet HTML 56Page - STMicroelectronics VN9D5D20F Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 96 page
background image
5.4
Overload (VDS high voltage, overload (OVL))
During low duty cycle PWM operation on a shorted load, the ON time is normally too short to allow power
limitation or overtemperature detection, and the ADC output does not report the current flowing on the channel. In
this situation, the detection of the overload condition is quite difficult. To overcome this, the voltage drop on the
PowerMOS (VDS) is measured every time the channel is turned OFF. If VDS (voltage across PowerMOS output
stage) exceeds the threshold defined by the parameter VDS_OVL, an overload condition is detected. The
corresponding bit in the overload status register VDSFSR (address from 0x20h to 0x23h depending on the
channel) of the OUTSRx register is set (see the Section 5.11: VDS feedback status register “VDSFSR” in
OUTSRx register).
Consequently, the bit 4 in the Global Status Byte is set if it is not masked in the CONFIG register through the
dedicated “VDSMASK” bit. The VDSFSR is a warning and the channel can be switched on again even if the
VDSFSRx bit is set. The VDSFSRx bit remains unchanged until a read and clear command on VDSFSR is sent
by the SPI or until the output is turned off the next time, when the VDS is evaluated again. In case of low duty
cycle PWM operation (i.e. 3% typical at 200 Hz in Bulb mode), if the output channel is switched ON for a very
short time, VDS might be greater than a threshold defined by the parameter VDS_OVL even if the output is not in
overload state so that a false warning is issued.
Figure 24. Diagnostics flowchart for digital overload detection
GADG1004171611PS
Channel feedback register
Detailed diagnosis in ON state
Evaluate
Power limitation
Overload
Temperature Status
Critical:
OT/PL on
signalled channel
End
No err.
Error bit(s)
set
Overload on
signalled
channel(s)
Please refer to Section 4.3.1: Global status byte description, Section 5.8: CHFBSR: channel feedback status bit in
OUTSRx register and Section 5.11: VDS feedback status register “VDSFSR” in OUTSRx register.
5.5
Open-load ON-state detection
The open-load ON-state is performed by reading the digital current sense. In case the output is on and the
reported digital current sense value is below the requested threshold, the open-load condition can be reported.
5.6
Open-load OFF-state detection
After the channel is completely OFF, if the output voltage Vout exceeds the open detection threshold VOL, an
open-load in OFF state / Stuck to VCC event is reported.
As a consequence, the corresponding bit STKFLTR in the OUTSRx register (address 0x20h to 0x23h) is set, the
OLOFF bit in the global status Register and the global status bit NOT are set accordingly.
VN9D5D20F
Diagnostic
DS12936 - Rev 10
page 53/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com