Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPACE-CONNECTIVITY Datasheet(PDF) 3 Page - Juniper Networks, Inc.

Part # SPACE-CONNECTIVITY
Description  JUNOS SPACE CONNECTIVITY SERVICES DIRECTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

SPACE-CONNECTIVITY Datasheet(HTML) 3 Page - Juniper Networks, Inc.

  SPACE-CONNECTIVITY Datasheet HTML 1Page - Juniper Networks, Inc. SPACE-CONNECTIVITY Datasheet HTML 2Page - Juniper Networks, Inc. SPACE-CONNECTIVITY Datasheet HTML 3Page - Juniper Networks, Inc. SPACE-CONNECTIVITY Datasheet HTML 4Page - Juniper Networks, Inc. SPACE-CONNECTIVITY Datasheet HTML 5Page - Juniper Networks, Inc. SPACE-CONNECTIVITY Datasheet HTML 6Page - Juniper Networks, Inc. SPACE-CONNECTIVITY Datasheet HTML 7Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Junos Space Connectivity Services Director
Use Case
Service Supported
Service Type
Timing
Precision Time Protocol
(PTP)
• Ordinary Clock
• Boundary Clock
Synchronous Ethernet
• Network Option-1
• Network Option-2
Juniper Networks
NorthStar
Controller
integration
RSVP LSP (PCEP,
NETCONF-based)
• P2P
• P2MP
• Full mesh
Segment routing (PCEP-
based)
• P2P
• P2MP
• Full mesh
Device Pre-Staging
As part of device pre-staging, Connectivity Services Director
automatically identifies the devices which are capable of MPLS
services. This involves assigning network provider edge (N_PE)
and provider (P) roles to devices. It also identifies corresponding
user-to-network interfaces (UNIs) and network-to-network
interfaces (NNIs) on the devices. Assigning device and UNI roles
helps simplify service provisioning by allowing only qualified
devices and interfaces to be selected for services.
Device Monitoring
Device monitoring for device status, interface status, and
interface utilization is an important requirement for any service
provider. Connectivity Services Director offers additional
features on top of those provided by the Junos Space Network
Management platform. One such feature, Chassis View, provides
a three-dimensional view of the actual chassis, showing the real-
time status of the device, installed PICs, and interface status.
Figure 2: Chassis View for a Juniper Networks MX240 3D Universal Edge Router
As part of the device monitoring process, the Connectivity
Services Director collects all traffic statistics including unicast
packets, multicast packets, error counters, and utilization data of
all interfaces on the device.
Figure 3: Device monitoring traffic summary
Automated MPLS Resource Management
Deploying carrier Ethernet services requires multiple network
resources to be allocated and tracked. These resources can be
network-wide, device-specific, or per customer-specific. The
most common resources are:
• Network Resources: Route target, route distinguisher,
Ethernet segment identifier (ESI), L2 VPN IDs, virtual
private LAN service (VPLS) ID, virtual circuit (VC) ID
• Device Resources: Unit, VLAN (Dot1q, QinQ)
• Customer Resources: IP pools
When a service provider is handling hundreds of customers,
each being provisioned for hundreds of services, tracking
network resources can quickly become unmanageable and
unscalable—particularly when the resources are tracked
manually. For example, if a customer is experiencing packet loss
from one site to another, how quickly can a help desk operator
troubleshoot the problem?
Connectivity Services Director provides automated MPLS
resource management as well as an auto allocating feature:
• Unit, VLAN IDs (Dot1q, QinQ), ESI to the UNIs
• VC IDs, VPLS ID, route target, route distinguisher, L2VPN IDs
• IPV4 addresses to provider edge-customer edge (PE-CE)
interfaces
This not only minimizes user input during provisioning but also
guarantees that the service provisioning pushed to the devices
does not conflict with existing resources on the network.
Service Design
Service Design allows service providers to customize services by
allowing dynamic association of attributes to the service based
on customer needs. A single design can be used to provision
hundreds of services. The service design also allows the service



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com