Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPACE-NETWORK-DIRECTOR Datasheet(PDF) 4 Page - Juniper Networks, Inc.

Part # SPACE-NETWORK-DIRECTOR
Description  JUNOS SPACE NETWORK DIRECTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

SPACE-NETWORK-DIRECTOR Datasheet(HTML) 4 Page - Juniper Networks, Inc.

  SPACE-NETWORK-DIRECTOR Datasheet HTML 1Page - Juniper Networks, Inc. SPACE-NETWORK-DIRECTOR Datasheet HTML 2Page - Juniper Networks, Inc. SPACE-NETWORK-DIRECTOR Datasheet HTML 3Page - Juniper Networks, Inc. SPACE-NETWORK-DIRECTOR Datasheet HTML 4Page - Juniper Networks, Inc. SPACE-NETWORK-DIRECTOR Datasheet HTML 5Page - Juniper Networks, Inc. SPACE-NETWORK-DIRECTOR Datasheet HTML 6Page - Juniper Networks, Inc. SPACE-NETWORK-DIRECTOR Datasheet HTML 7Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Controller-Less Network Virtualization
As networks grow more flexible and agile, enterprises are turning to
network virtualization in the data center to increase cost
effectiveness and gain a competitive edge. Network Director
completely automates the creation and management of overlay
fabrics on top of Layer 3 IP fabrics (underlay networks) utilizing an
Ethernet VPN (EVPN) control plane and VXLAN-based overlay
topology. The process follows a simple workflow that includes:
• Defining and mapping tenants to VRFs and VXLANs
• Defining tenant segments and mapping those segments to
VLANs and VXLAN associations
• Multihoming server settings
• Associating gateways for tenants
• Providing full visibility into each tenant and overlay network, as
well as correlated views of overlay and underlay networks
Multipoint Navigation and Views
Network Director improves operational efficiency by allowing users
to manage the network from different views, groupings, and
perspectives. It includes a customizable dashboard that provides a
visual indication of overall network usage and network consumers,
including VMs, hosts, top virtual networks, flow analysis, utilization,
latency, top talkers, and alarms—all presented as part of a color-
coded heat map representing devices and ports. Each device is
color coded to convey the level of port utilization and latency;
“cooler” colors indicate lower port utilization and latency while
“hotter” colors indicate higher port utilization and latency (see
Figure 6).
Figure 6: Dashboard view
In addition, Network Director Topology view shows all discovered
devices in the network on a map where the devices are located
across sites, buildings, floors, closets, and racks, along with their
physical connections to other devices in the network. Topology
view also shows the physical and logical connectivity between
various discovered interconnected devices. Topology view allows
users to zoom in or out of a site, see how a device is connected to
its immediate neighbors, including VMware hosts connected to the
switch, or view alarm details, bandwidth of links, and real-time link
data and state of the devices. Network Director also enables
devices to be rearranged across buildings on the map.
Specifications
Network View and Device Selection
• View devices grouped by logical relationships, locations, device
type, custom group view, data center view, or topology view
• Select logical, location, device-type, custom group, virtual, or
topology view groupings to perform tasks on multiple devices
simultaneously
• Search for devices in the network
• Define filters to selectively view specific logical, location,
device-type, custom group, virtual, or topology groupings
Table 1. Supported Platforms
Supported Platforms
Operating System
QFX Series Ethernet Switches
QFX5100 Virtual Chassis Fabric
Junos OS releases 13.2X51-D20,
14.1X53-D15, 14.1X53-D27, 14.1X53-
D40
QFX10008
Junos OS releases 15.1X53-D30,
15.1X53-D33, 15.1X53-D60, 15.1X53-
D61, 15.1X53-D64
QFX10002-36Q-DC
QFX10002-72Q-DC
Junos OS releases 15.1X53-D61,
15.1X53-D64, 17.2R1
QFX5200-32C-AFI
QFX5200-32C-AFO
QFX5200-32C-DC-AFI
QFX5200-32C-DC-AFO
Junos OS releases 15.1X53-D30,
15.1X53-D230
QFX5110-32Q
QFX5110-48S
Junos OS releases 17.2R2.8, 17.3R1.10,
17.4R1.16, 18.1R3.3
QFX5100-48S-3AFI
QFX5100-24Q-3AFI
QFX5100-24Q-3AFO
QFX5100-24Q-D-3AFI
QFX5100-24Q-D-3AFO
QFX5100-48T-AFI
QFX5100-48T-AFO
QFX5100-48T-DC-AFI
QFX5100-48T-DC-AFO
Junos OS releases 14.1X53-D35,
14.1X53-D40, and 14.1X53-D42
QFX10002 as IP Fabric Spine device
QFX5100 as IP Fabric Spine or Leaf device
EX4300 as IP Fabric Leaf device
Junos OS releases 15.1X53-D60,
15.1X53-D61, 15.1X53-D64, and
17.2R1 for QFX10002
Junos OS releases 14.1X53-D35,
14.1X53-D40, and 14.1X53-D42 for
QFX5100
Junos OS releases 14.1X53-D27,
14.1X53-D40, and 14.1X53-D42 for
EX4300
QFX3500/QFX3600 with non ELS
Junos OS releases 12.3X50-D35 and
12.3X50-D40
Junos Space Network Director
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com