Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3367GR Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP3367GR
Description  6-Channel, Max.150mA/Ch Boost WLED Driver with 15000:1 Dim Ratio and I²C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3367GR Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP3367GR Datasheet HTML 17Page - Monolithic Power Systems MP3367GR Datasheet HTML 18Page - Monolithic Power Systems MP3367GR Datasheet HTML 19Page - Monolithic Power Systems MP3367GR Datasheet HTML 20Page - Monolithic Power Systems MP3367GR Datasheet HTML 21Page - Monolithic Power Systems MP3367GR Datasheet HTML 22Page - Monolithic Power Systems MP3367GR Datasheet HTML 23Page - Monolithic Power Systems MP3367GR Datasheet HTML 24Page - Monolithic Power Systems MP3367GR Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
MP3367
– 6-CHANNEL BOOST WLED DRIVER WITH HIGH DIM RATIO AND I2C
MP3367 Rev. 1.0
www.MonolithicPower.com
21
6/17/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
Table 3: Fault Register
Addr: 0x02
Bit
Bit Name
Access
Default
Description
7
SEN
RW
0
Short all LED protection @ DPWM > 2%.
0: Disable
1: Enable
6
TCOMP
RW
0
COMP-saturated time-select bit for short LEDX to GND.
0: 20ms
1: 40ms
5
FT_LEDG
R
0
LEDX short to GND protection fault indication bit. If a fault
occurs, the fault bit remains 1 until readback or power reset.
0: No fault
1: Fault
The fault status can latch off until it is reset to 0 after this bit is
read.
4
FT_OTP
R
0
Over-temperature protection fault indication bit. If a fault
occurs, the fault bit remains 1 until readback or power reset.
0: No fault
1: Fault
The fault status can latch off until it is reset to 0 after this bit is
read.
3
FT_UVP
R
0
Output under-voltage protection fault indication bit. If a fault
occurs, the fault bit remains 1 until readback or power reset.
0: No fault
1: Fault
The fault status can latch off until it is reset to 0 after this bit is
read.
2
FT_OCP
R
0
Over-current protection fault indication bit. If a fault occurs, the
fault bit remains 1 until readback or power reset.
0: No fault
1: Fault
The fault status can latch off until it is reset to 0 after this bit is
read.
1
FT_LEDS
R
0
LED current source short fault indication bit. If a fault occurs,
the fault bit remains 1 until readback or power reset.
0: No fault
1: Fault
The fault status can latch off until it is reset to 0 after this bit is
read.
0
FT_LEDO
R
0
LED current source open fault indication bit. If a fault occurs,
the fault bit remains 1 until readback or power reset.
0: No fault
1: Fault
The fault status can latch off until it is reset to 0 after this bit is
read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com