Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3367GR-Z Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP3367GR-Z
Description  6-Channel, Max.150mA/Ch Boost WLED Driver with 15000:1 Dim Ratio and I²C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3367GR-Z Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP3367GR-Z Datasheet HTML 11Page - Monolithic Power Systems MP3367GR-Z Datasheet HTML 12Page - Monolithic Power Systems MP3367GR-Z Datasheet HTML 13Page - Monolithic Power Systems MP3367GR-Z Datasheet HTML 14Page - Monolithic Power Systems MP3367GR-Z Datasheet HTML 15Page - Monolithic Power Systems MP3367GR-Z Datasheet HTML 16Page - Monolithic Power Systems MP3367GR-Z Datasheet HTML 17Page - Monolithic Power Systems MP3367GR-Z Datasheet HTML 18Page - Monolithic Power Systems MP3367GR-Z Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
MP3367
– 6-CHANNEL BOOST WLED DRIVER WITH HIGH DIM RATIO AND I2C
MP3367 Rev. 1.0
www.MonolithicPower.com
15
6/17/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
does not change based on the input PWM
dimming
frequency.
The
output
dimming
frequency is selected with the mix dimming
output frequency selection bit through the I2C.
This function eliminates audible noise and
improves the dimming performance in small
dimming ratio.
<25%, PDIM
Duty = 4 * DPWMI, ILED = ¼ ISET
PWM
ILED
25%
>25%, ADIM
ILED = DPWM * ISET
ISET
Figure 2: Mix Dimming with 25% Transfer Point
Direct PWM Dimming
Connect a resistor to set MIX/AD to a middle
level (0.5V to 0.8V), or float MIX/AD and set the
internal mode-select register MODE1:0 = 01
through the I2C.
When a PWM signal is applied to DIM, the
amplitude of the LED current remains at the LED
full-scale, and the LED current is chopped by the
input PWM signal. The LED current duty follows
the PWM input duty, and the LED current
frequency is the same as the PWM input.
Analog Dimming Mode
Connect a resistor to set MIX/AD to a high level
(1V to 1.3V), or float MIX/AD and set the internal
mode-select register MODE = 10 through the I2C.
The PWM input signal is calculated by an
internal counter. The amplitude of the LED
current is equal to ISET * DDIM, where ISET is the
full-scale LED current and DDIM is the duty of the
input PWM signal. For better analog dimming
performance, a 100Hz to 20kHz PWM signal is
recommended.
To ensure good performance with a small
dimming ratio, the minimum LEDX voltage shifts
up to 2V when the dimming duty is below 10%.
Analog dimming supports a 200:1 dimming ratio.
Deep Dimming Ratio for PWM Dimming
When the output dimming on-time is less than
7
μs, the output voltage is regulated to 0.93 of the
OVP voltage (see Figure 3).
PWM
Vo
VSW
0.93*VOVP
<7µs
Figure 3: Deep Dimming Ratio for PWM Dimming
Unused LED Channel Setting
If the LEDX pin of an unused channel is
connected to GND, the MP3367 automatically
detects the unused LED string and removes it
from
the
control
loop
during
start-up.
If
employing five strings, connect LED6 to GND. If
using four strings, connect LED5 and LED6 to
GND, and so on.
The MP3367 can also disable the unused string
by the internal register (CH2:0 bit).
CH2:0 = 000: All six channels are in use
CH2:0 = 001: LED1-5 in use
CH2:0 = 010: LED1-4 in use
CH2:0 = 011: LED1-3 in use
CH2:0 = 100: LED1-2 in use
CH2:0 = 101: LED1 in use
Phase Shift Function
To reduce inrush current and eliminate audible
noise during PWM dimming, the MP3367
employs a phase shift function. Two methods
can be used to enable the phase shift function:
The first option is to connect SCL/PSE and
SDA/PSE together to 0.75V ~ 1V.
The second is to set the internal register PSE bit
to 1 through the I2C.
The LED channels
’ current source is phase-
shifted when the IC employs PWM dimming. The
shifted phase depends on which LED channels
are in use, determined using Equation (2):
 
360
Phase( )
( )
n
(2)
Where n is the LED channel in use. If all six
channels are in use, the shifted phase is 60°.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com