Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D15 Datasheet(PDF) 2 Page - STMicroelectronics

Part # D15
Description  Memory Micromodules General Information for D1, D2 and C Packaging
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D15 Datasheet(HTML) 2 Page - STMicroelectronics

  D15 Datasheet HTML 1Page - STMicroelectronics D15 Datasheet HTML 2Page - STMicroelectronics D15 Datasheet HTML 3Page - STMicroelectronics D15 Datasheet HTML 4Page - STMicroelectronics D15 Datasheet HTML 5Page - STMicroelectronics D15 Datasheet HTML 6Page - STMicroelectronics D15 Datasheet HTML 7Page - STMicroelectronics D15 Datasheet HTML 8Page - STMicroelectronics D15 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2/13
MICROMODULES
The assembly flows is as follows:
1. Dice sawing
2. Dice attach
3. Wire bonding
4. Potting
5. Milling (depending on product)
The range of products and types of Micromodule
are summarized in Table 1 and Table 2. For large
volumes, ST is able to offer customized module
tape.
DELIVERY
The Super 35mm metallized epoxy tape is
delivered on reels, as shown in Figure 1. These
contain all of the chips from a number of wafers,
including those chips that were found to be non-
functioning during testing. Traceability is ensured
by a label fixed on the reel.
The typical quantity is 10,000 modules per reel,
with priority given to lot integrity on the reel. The
maximum quantity is 15,000 per reel.
Parts which are faulty (mechanically or electrically
defective) are identified by punch holes. The
specification for the reject punch holes is shown in
Figure 4 for the D10 micromodule, in Figure 5 for
the D15 micromodule, in Figure 6 for the D20
micromodule, and in Figure 7 for the D22
micromodule.
Tape joins (tape splicing) are never more than 10
per 10 metre length, as shown in Figure 2 and
Figure 3.
At least 2.1 m of leader, and 2.1 m of trailer is
included on each reel. Each is made of PVC Super
35 mm tape, without metalisation, and is opaque
to infrared and white light.
A “failure” marking of reject holes is included at the
beginning and end of the tape of a minimum of 5
consecutive module pitches (double positions).
Modules should be stored within the temperature
range -40
°Cto + 85 °C, for no more than 1 year.
Each reel is packed in an antistatic bag, along with
a desiccant bag, and a humidity indicator card.
This card indicates the level of humidity as follows:
30 - Blue: protection assured
40 - Pink: renew the desiccant bag
50 - Pink: protection no longer ensured
Three self adhesive plastic identification labels are
attached: one to the reel, one to the antistatic bag,
Table 2. Memory Card Products
Type
Description (please see the indiv idual product data
sheets for full specifications)
Process
Technology
Module Style
ST14C02C
Memory Card IC, 2 Kbit (256 x 8) Serial I2C Bus EEPROM
1.2
µm
CMOS
D15, D20
M14C04
Memory Card IC, 4 Kbit Serial I2C Bus EEPROM
0.6
µm
CMOS
D20
M14C16
Memory Card IC, 16 Kbit Serial I2C Bus EEPROM
0.6
µm
CMOS
D20
M14C32
Memory Card IC, 32 Kbit Serial I2C Bus EEPROM
0.6
µm
CMOS
D20
M14C64
Memory Card IC, 64 Kbit Serial I2C Bus EEPROM
0.6
µm
CMOS
D22
M14128
Memory Card IC, 128 Kbit Serial I2C Bus EEPROM
0.6
µm
CMOS
D22
M14256
Memory Card IC, 256 Kbit Serial I2C Bus EEPROM
0.6
µm
CMOS
D22
ST1200
Memory Card IC, 256 bit OTP EPROM with Lock-Out
3.5
µm
NMOS
D10
ST1305B
Memory Card IC, 192 bit High Endurance EEPROM
with Secure Logic Access Control
1.5
µm
CMOS
D10, D15
ST1331
Memory Card IC, 272 bit High Endurance EEPROM
with Advanced Security Mechanisms
1.2
µm
CMOS
D10
ST1333
1.2
µm
CMOS
D10
ST1335
1.2
µm
CMOS
D10, D15
ST1336
1.2
µm
CMOS
D10, D15
M35101
Contactless Memory Chip, 13.56 MHz, 2048 bit EEPROM
0.6
µm
CMOS
C20, C30
M35102
Contactless Memory Chip with 64-bit Unique ID,
13.56 MHz, 2048 bit EEPROM
0.6
µm
CMOS
C20, C30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com