Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A24SBASE Datasheet(PDF) 3 Page - nVent Electric plc

Part # A24SBASE
Description  Pedestals
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

A24SBASE Datasheet(HTML) 3 Page - nVent Electric plc

  A24SBASE Datasheet HTML 1Page - nVent Electric plc A24SBASE Datasheet HTML 2Page - nVent Electric plc A24SBASE Datasheet HTML 3Page - nVent Electric plc A24SBASE Datasheet HTML 4Page - nVent Electric plc A24SBASE Datasheet HTML 5Page - nVent Electric plc A24SBASE Datasheet HTML 6Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Mounting options Pedestals and Pedestal accessories
nVent.com/HOFFMAN
SUBJECT TO CHANGE WITHOUT NOTICE
HMi (HuMan-MacHine interface)
3
Spec-00485 L
Bolt-down pedestal
Bolt-Down Pedestal is available in
two heights. The vertical tube has
rigid one-piece construction. Rigid
cast aluminum base flanges bolt
to the vertical tube. Pedestal has
ANSI 61 medium-gray or RAL 7035
textured light-gray polyester powder
paint finish. Tapped mounting
holes in the top of pedestal allow
attachment to operator interface
base with cutout, swivel, swivel
tilt or angle adapter. Hardware
and gasket to attach enclosure are
included.
•
Use 4.00 x 4.00-in. (102 x 102-mm)
pedestal with CONCEPT HMI and
INLINE HMI Enclosures
•
Use 8.00 x 8.00-in. (203 x 203-
mm) pedestal with PROLINE
Sloped-Front Enclosures
Bulletin: p1
Catalog Number
AxBxC mm/in.
Finish
Description
D
mm/in.
E
mm/in.
AP23B44
584 x 102 x 102
23.00 x 4.00 x 4.00
ANSI 61
Steel
159
6.26
133
5.25
AP23B44LG
584 x 102 x 102
23.00 x 4.00 x 4.00
RAL 7035
Steel
159
6.26
133
5.25
AP33B44
838 x 102 x 102
33.00 x 4.00 x 4.00
ANSI 61
Steel
159
6.26
133
5.25
AP33B44LG
838 x 102 x 102
33.00 x 4.00 x 4.00
RAL 7035
Steel
159
6.26
133
5.25
AP23B88
584 x 203 x 203
23.00 x 8.00 x 8.00
ANSI 61
Steel
260
10.25
235
9.25
AP23B88LG
584 x 203 x 203
23.00 x 8.00 x 8.00
RAL 7035
Steel
260
10.25
235
9.25
AP33B88
838 x 203 x 203
33.00 x 8.00 x 8.00
ANSI 61
Steel
260
10.25
235
9.25
AP33B88LG
838 x 203 x 203
33.00 x 8.00 x 8.00
RAL 7035
Steel
260
10.25
235
9.25
extension
Pedestal Extension can be used with
pedestals to provide additional 6
in. (152 mm) of height for standing
position. ANSI 61 medium-gray
polyester powder paint or RAL 7035
textured light-gray polyester powder
paint.
Bulletin: p1
Catalog Number
AxBxC in./mm
Finish
Description
APE688
6.00 x 8.00 x 8.00
152 x 203 x 203
ANSI 61
Steel
APE688LG
6.00 x 8.00 x 8.00
152 x 203 x 203
RAL 7035
Steel



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com