Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMB Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # PMB
Description  Pole Mount Kit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

PMB Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  PMB Datasheet HTML 1Page - Hammond Manufacturing Ltd. PMB Datasheet HTML 2Page - Hammond Manufacturing Ltd. PMB Datasheet HTML 3Page - Hammond Manufacturing Ltd. PMB Datasheet HTML 4Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
6/27/2018
Pole Mount Kit (PMB Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/accessories/pmb
2/4
Non-Flanged
1554 / 1555 Series
Enclosure
Pole Mount Kit (7"
Max.)
Pole Mount Kit (15"
Max.)
Screw Type
Replacement Screw
Pack
1554/55N
PMB6687KIT1
PMB6687KIT2
M4-0.7 x
20mm
SCPMB1-20
1554/55P
PMB6687KIT1
PMB6687KIT2
M4-0.7 x
20mm
SCPMB1-20
1554/55R
PMB110127KIT1
PMB110127KIT2
M4-0.7 x
20mm
SCPMB1-20
1554/55S
PMB110127KIT1
PMB110127KIT2
M4-0.7 x
20mm
SCPMB1-20
1554/55T
PMB6687KIT1
PMB6687KIT2
M4-0.7 x
20mm
SCPMB1-20
1554/55U
PMB6687KIT1
PMB6687KIT2
M4-0.7 x
20mm
SCPMB1-20
1554/55V
PMB110127KIT1
PMB110127KIT2
M4-0.7 x
20mm
SCPMB1-20
1554/55VA
PMB110127KIT1
PMB110127KIT2
M4-0.7 x
20mm
SCPMB1-20
1554/55VB
PMB110127KIT1
PMB110127KIT2
M4-0.7 x
20mm
SCPMB1-20
1554/55X
PMB180200KIT1
PMB180200KIT2
M4-0.7 x
20mm
SCPMB1-20
1554/55XA
PMB180200KIT1
PMB180200KIT2
M4-0.7 x
20mm
SCPMB1-20
1554/55Y
PMB180200KIT1
PMB180200KIT2
M4-0.7 x
20mm
SCPMB1-20
1554/55YA
PMB180200KIT1
PMB180200KIT2
M4-0.7 x
20mm
SCPMB1-20
Compatible 1555 F Series Enclosures
Flanged
1555 F Series
Enclosure
Pole Mount Kit (7"
Max.)
Pole Mount Kit (15"
Max.)
Screw Type
Replacement Screw
Pack
1555CF
PMB4045KIT1
PMB4045KIT2
M4-0.7 x
20mm
SCPMB1-20
1555FF
PMB5057KIT1
PMB5057KIT2
M4-0.7 x
20mm
SCPMB1-20
1555HF
PMB6687KIT1
PMB6687KIT2
M4-0.7 x
20mm
SCPMB1-20
1555JF
PMB5057KIT1
PMB5057KIT2
M4-0.7 x
20mm
SCPMB1-20
1555NF
PMB6687KIT1
PMB6687KIT2
M4-0.7 x
20mm
SCPMB1-20
Compatible 1590Z Series Enclosures
1590Z Series
Enclosure
Pole Mount Kit (7"
Max.)
Pole Mount Kit (15"
Max.)
Screw Type
Replacement Screw
Pack
1590Z119
PMB6687KIT1
PMB6687KIT2
M6-1.0 x
25mm
SCPMB2-20
1590Z150
PMB6687KIT1
PMB6687KIT2
M6-1.0 x
25mm
SCPMB2-20
1590Z155
PMB6687KIT1
PMB6687KIT2
M6-1.0 x
25mm
SCPMB2-20
1590Z160
PMB110127KIT1
PMB110127KIT2
M6-1.0 x
40mm
SCPMB3-20
1590Z162
PMB110127KIT1
PMB110127KIT2
M6-1.0 x
40mm
SCPMB3-20



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com