Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALFSWD Datasheet(PDF) 1 Page - nVent Electric plc

Part # ALFSWD
Description  PROLINE Grounding Kit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

ALFSWD Datasheet(HTML) 1 Page - nVent Electric plc

  ALFSWD Datasheet HTML 1Page - nVent Electric plc ALFSWD Datasheet HTML 2Page - nVent Electric plc ALFSWD Datasheet HTML 3Page - nVent Electric plc ALFSWD Datasheet HTML 4Page - nVent Electric plc ALFSWD Datasheet HTML 5Page - nVent Electric plc ALFSWD Datasheet HTML 6Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PROLINE G2 ExtERNaL COmPONENts Door Accessories
nVent.com/HOFFMAN
SUBJECT TO CHANGE WITHOUT NOTICE
mOduLaR ENCLOsuRE sOLutIONs
1
Spec-01151 B
Spec-01151
PROLINE GROuNdING KIt
The Grounding Kit allows a PROLINE
or PROLINE G2 enclosure to be
grounded to VDE specifications.
Includes six 12-gauge wires 411 mm
(16.19) long with ring terminations
and M6 mounting hardware.
Bulletin: p20
Catalog Number
Wire
Size
Length Between
Ring Terminals
mm/in.
Ring Terminal
Hole Diameter
mm/in.
PGK
12 ga.
411
16.19
7
.29
dOOR stOP KIt
aPPLICatION
The Door Stop Kit is used for modular enclosures and holds doors
open at 130 degrees.
FEatuREs
High-performance, 3/8-in. (9.5 mm) aluminum stop arm
DELRIN® gliders for smooth actuation
BV-M6 fasteners to attach the door stop to the frame and door
sPECIFICatIONs
10 gauge (3.0 mm) steel slotted slider bracket
Mounts without drilling
Kit includes a slotted slider bracket that mounts to the top or
bottom of the door and a stop arm that attaches to the frame
All necessary mounting hardware included
Bulletin: p40
Catalog Number
Description
P2ADSK
PROLINE G2 Door Stop Kit
180-dEGREE HINGE KIt
Hinge option for modular enclosure
doors to provide up to a 260-degree
door opening on single-door
enclosures.
Bulletin: p40
Catalog Number
Description
P2AH180
PROLINE G2 180-Degree Hinge Kit
REmOtE dOOR swItCHEs
The remote door switch can
activate a light or other electrical
component when the enclosure
door is opened
Mounts on enclosure frame and
includes mounting hardware
Mounting plate is 14 gauge steel
with a plated finish
Can be hard-wired to the
PANELITE LED or Fluorescent
light or connected via the
PANELITE Door Switch Cable
Bulletin: A80lt, p20
Catalog Number
Description
ALFSWD
Door switch assembly (order connection cable separately)
PLFSWD
Door switch assembly for PROLINE and PROLINE G2
(order connection cable separately)


Similar Part No. - ALFSWD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ALFSWD ETC2-ALFSWD Datasheet
1Mb / 6P
PANELITE Enclosure Lights Overview
logo
Pentair Equipment Prote...
ALFSWD HOFFMANPRODUCTS-ALFSWD Datasheet
909Kb / 6P
PANELIT E Enclosure Lights Overview
logo
nVent Electric plc
ALFSWD NVENT-ALFSWD Datasheet
730Kb / 6P
Side Door Adapter
More results

Similar Description - ALFSWD

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
05739 VICOR-05739 Datasheet
38Kb / 1P
GROUNDING CLIP, MODULE
05812 VICOR-05812 Datasheet
38Kb / 1P
CROSSFLOW GROUNDING CLIP
logo
ASM GmbH
3157-01 ASM-SENSOR-3157-01 Datasheet
547Kb / 4P
AC GROUNDING HiTESTER
logo
Winchester Electronics ...
SDK-3943A WINCHESTER-SDK-3943A Datasheet
601Kb / 2P
GROUNDING JACK
SDK-4959 WINCHESTER-SDK-4959 Datasheet
62Kb / 1P
JACK, GROUNDING
logo
PANDUIT CORP.
PGKE PANDUIT-PGKE Datasheet
38Kb / 1P
PGKE GROUNDING KIT CUSTOMER DRAWING
logo
List of Unclassifed Man...
BU-58 ETC2-BU-58 Datasheet
517Kb / 1P
Grounding Clamp
logo
PANDUIT CORP.
C41505 PANDUIT-C41505_04 Datasheet
39Kb / 2P
Grounding busbar
logo
Rosenberger Hochfrequen...
SLGK002C-C06-060 ROSENBERGER-SLGK002C-C06-060 Datasheet
106Kb / 1P
Grounding Kits for cable
logo
SAB North America
CGEMC-4 SAB-CGEMC-4 Datasheet
223Kb / 1P
EMC Grounding Cable Glands
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com