Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-H3 Datasheet(PDF) 95 Page - Greenlee Communications

Part # DST-SW-H3
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-H3 Datasheet(HTML) 95 Page - Greenlee Communications

Back Button DST-SW-H3 Datasheet HTML 91Page - Greenlee Communications DST-SW-H3 Datasheet HTML 92Page - Greenlee Communications DST-SW-H3 Datasheet HTML 93Page - Greenlee Communications DST-SW-H3 Datasheet HTML 94Page - Greenlee Communications DST-SW-H3 Datasheet HTML 95Page - Greenlee Communications DST-SW-H3 Datasheet HTML 96Page - Greenlee Communications DST-SW-H3 Datasheet HTML 97Page - Greenlee Communications DST-SW-H3 Datasheet HTML 98Page - Greenlee Communications DST-SW-H3 Datasheet HTML 99Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 108 page
background image
371
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
Jack Terminator
• High-grade, hardened steel frame offers superior performance
and durability
• Ratcheted action to ensure proper, consistent termination
• Adjustment feature for extra leverage applications
• Quick-change punch sets require no tools
• Removable jack cradle allows for alternate lacing option
• Punch heads can be purchased separately
• Rubber-embedded handles provide extra comfort
• For use with Modular Jacks listed below including CommScope®
(Systimax®, Uniprise®), Leviton®, OCC®, HellermannTyton®,
Hubbell®Premise Wiring and Legrand® (Ortronics®)
• Lifetime Warranty (crimper frame only)
SPECIFICATIONS
Specifications
PA8100
General Jack Terminator™ With
Punch Down Head-Set
General Punchdown
Head-Set
General Punch Head Only
Length
9.6” (245 mm)
9.75” (248 mm)
1.6” (40 mm )
1” (26 mm)
Height
3.25” (80 mm)
4” (102 mm)
4” (102 mm)
2.1” (55 mm)
Width
1.25” (32 mm)
1.25” (32 mm)
1.25” (32 mm)
1.25” (32 mm)
Weight
1.25 lbs (575 g)
1.4 lbs (652 g)
2 oz (54 g)
0.8 oz (23 g)
CAT. NO.
DESCRIPTION
JACK COMPABILITY
PA8100
Jack Terminator™ Crimper Frame
Punchdown Head Set not Included
PA8105
Jack Terminator™ with Punchdown Head-Set
Systimax® - MPS100E, Uniprise® UNJ600/500
PA3711
Replacement Punchdown Head-Set
Systimax® - MPS100E, Uniprise® UNJ600/500
PA3811
Replacement Punch Head Only
Systimax® - MPS100E, Uniprise® UNJ600/500
PA8106
Jack Terminator™ with Punchdown Head-Set
Systimax® - MGS400, MGS500, MGS600
PA3712
Replacement Punchdown Head-Set
Systimax® - MGS400, MGS500, MGS600
PA8107
Jack Terminator™ with Punchdown Head-Set
Leviton® - 41106, 41108, 5G108
PA3713
Replacement Punchdown Head-Set
Leviton® - 41106, 41108, 5G108
PA8108
Jack Terminator™ with Punchdown Head-Set
Leviton® - 61110, 5G110, 6110G
PA3714
Replacement Punchdown Head-Set
Leviton® - 61110, 5G110, 6110G
PA8109
Jack Terminator™ with Punchdown Head-Set
OCC® - KMJA5E, KMJA6, K6A
PA3715
Replacement Punchdown Head-Set
OCC® - KMJA5E, KMJA6, K6A
PA8110
Jack Terminator™ with Punchdown Head-Set
HellermannTyton® - RJ45FC5E, RJ45FC6
PA3716
Replacement Punchdown Head-Set
HellermannTyton® - RJ45FC5E, RJ45FC6
PA8111
Jack Terminator™ with Punchdown Head-Set
Hubbell® - HXJ Series
PA3717
Replacement Punchdown Head-Set
Hubbell® - HXJ Series
PA8112
Jack Terminator™ with Punchdown Head-Set
Ortronics® - TJ5E00, TJ600, TJ610
PA3718
Replacement Punchdown Head-Set
Ortronics® - TJ5E00, TJ600, TJ610
PA8100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com