Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA216 Datasheet(PDF) 13 Page - Texas Instruments

Part # INA216
Description  Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zerø-Drift Series
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA216 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA216 Datasheet HTML 9Page - Texas Instruments INA216 Datasheet HTML 10Page - Texas Instruments INA216 Datasheet HTML 11Page - Texas Instruments INA216 Datasheet HTML 12Page - Texas Instruments INA216 Datasheet HTML 13Page - Texas Instruments INA216 Datasheet HTML 14Page - Texas Instruments INA216 Datasheet HTML 15Page - Texas Instruments INA216 Datasheet HTML 16Page - Texas Instruments INA216 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
INA216
www.ti.com
SBOS503C
– JUNE 2010 – REVISED NOVEMBER 2011
REVISION HISTORY
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (June 2010) to Revision C
Page
•
Changed product status from Mixed Status to Production Data .......................................................................................... 1
•
Updated Package Information table to include RSW package information .......................................................................... 2
•
Added Thermal Information table for RSW package ............................................................................................................ 3
•
Added RSW package pinout drawing ................................................................................................................................... 3
Changes from Revision A (June, 2010) to Revision B
Page
•
Removed product preview status of INA216A2, INA216A3, and INA216A4 devices ........................................................... 2
•
Added offset voltage specifications for INA216A2, INA216A3, and INA216A4 .................................................................... 4
•
Added gain and gain error specifications for INA216A2, INA216A3, and INA216A4 ........................................................... 4
•
Added bandwidth specifications for INA216A2, INA216A3, and INA216A4 ......................................................................... 4
•
Updated graph grid for Figure 2 through Figure 5 ................................................................................................................ 6
•
Revised Table 1 and Table 2 .............................................................................................................................................. 11
•
Changed description of nominal current into IN+ pin to 13
μA and bias current into IN– pin to 3μA .................................. 12
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): INA216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com