Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-TON Datasheet(PDF) 2 Page - Greenlee Communications

Part # DST-SW-TON
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-TON Datasheet(HTML) 2 Page - Greenlee Communications

  DST-SW-TON Datasheet HTML 1Page - Greenlee Communications DST-SW-TON Datasheet HTML 2Page - Greenlee Communications DST-SW-TON Datasheet HTML 3Page - Greenlee Communications DST-SW-TON Datasheet HTML 4Page - Greenlee Communications DST-SW-TON Datasheet HTML 5Page - Greenlee Communications DST-SW-TON Datasheet HTML 6Page - Greenlee Communications DST-SW-TON Datasheet HTML 7Page - Greenlee Communications DST-SW-TON Datasheet HTML 8Page - Greenlee Communications DST-SW-TON Datasheet HTML 9Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 108 page
background image
278
COMMUNICATIONS
TRUSTED
SINCE
1862
NETWORK TESTING
www.greenlee.com
DataScout™ 10G
CUSTOMIZABLE FOR ANY WORKGROUP
FASTER TIME TO RESULTS
• Ready to test in 25 seconds
• Unique DS0 (TIMS) to 10G Ethernet solution
• Test multiple services simultaneously
SIMPLE TO USE, FAST TO LEARN
• Touch screen tablet design
• Portrait and landscape modes
• Intuitive test configuration
• Exportable results
RUGGED & RELIABLE
• Plug & stay - No modules to lose!
• Replaces up to 8 handhelds*
• Light yet sturdy aluminum housing
• Protective non-slip boot with kickstand
DESIGNED FOR:
• Service Providers
• Utilities
• Mobility
• Enterprise
Test Kits Include:
• DataScout 10G analyzer
• Universal charger with adapter blades
SOFTWARE OPTIONS
CAT. NO.
DESCRIPTION
ETHERNET TEST OPTIONS
DS10G-SW-201
Adds dual port 1Gb Ethernet testing
DS10G-SW-110
Activates single 10G test interface
DS10G-SW-210
Adds dual port 10Gb Ethernet testing
DS1 TEST OPTIONS
DST-SW-DT1
Adds dual port T1 testing
DST-SW-N1
Adds T1 CSU/NIU emulation
DST-SW-V
Adds DS0 voice analysis
DST-SW-E
Adds Euro/Asian ISDN-PRI support
DST-SW-X
Adds DSO drop, insert & bypass
DST-SW-DCOM
Adds DATACOM DTE/DCE interface testing
DST-SW-E1
Adds E1/T1 On-The-Fly testing
DS3 TEST OPTIONS
DST-SW-H3
Adds DS3 thru-mode testing
DST-SW-D1D
Adds DS1 drop from DS3 signal
DST-SW-NX
Adds DS3 CSU/NIU emulation
TIMS TEST OPTIONS
DST-SW-PRO4
Adds 4-button frequency program
DST-SW-4
Adds 4-WIRE 100/135Ω testing
DST-SW-EM
Adds E&M TYPE I-V signaling, trunk, PBX and
Tie Line testing
DST-SW-DG
Adds measurement of dropouts, hits,
amplitude, and phase jitter
DST-SW-TON
Adds transmit of warble ID tone
SPECIFICATIONS
Display & Input
7” WVGA LCD touch screen
800x600 resolution
Weight (Varies by
configuration)
0.91 kg (2.0 lbs) minimum
1.36 kg (3.0 lbs) maximum
Dimensions
10 x 6.5 x 2.2 inches (WxHxD)
254 x 165 x 56 millimeters (WxHxD)
Operating Temperature
Operating Temperature: 10°C to 55°C14°F to
131°F
Operating Humidity:
0% to 93% RH non-condensing
Storage Temperature:
-20°C to 70°C -4°F to 158°F
Battery Type:
Li Ion battery pack
Run Time:
2-8 hours (varies by test mode)
External Power:
Mains: 110-240VAC, 50-60Hz with adaptors
Enclosure:
Shell: Rugged 1.5mm extruded aluminum
Boot: Rubber with Wi-Fi® antenna storage slot
Kickstand: Powder coated steel
ENVIRONMENTAL
DS10G-HW-B2
CAT. NO.
DESCRIPTION
TABLET CONTROLLER
DS10G-HW-B1
Base Controller Without Datacom
Interface
DS10G-HW-B2
Base Controller With Datacom Interface
TEST INTERFACES
DS10-HW-WIFI
Wi-Fi®
DS10-HW-ETH
Dual 10/100/1000T/X & 10G Ethernet
DS10-HW-PDH1
Dual DS1
DS10-HW-PDH2
DS3 & Dual DS1
DS10-HW-P
ISDN-PRI
DS10-HW-DDS
Digital Data Services (DDS)
DS10-HW-T
Transmission Impairment Measurement
System (TIMS)
CONFIGURATION OPTIONS
Wi-Fi® is a registered trademark of the Wi-Fi Alliance.
*As compared to competitive network analyzer model
Subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com