Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA281 Datasheet(PDF) 17 Page - Texas Instruments

Part # INA281
Description  INA281, –4-V to 110-V, 1.3-MHz Current-Sense Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA281 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA281 Datasheet HTML 13Page - Texas Instruments INA281 Datasheet HTML 14Page - Texas Instruments INA281 Datasheet HTML 15Page - Texas Instruments INA281 Datasheet HTML 16Page - Texas Instruments INA281 Datasheet HTML 17Page - Texas Instruments INA281 Datasheet HTML 18Page - Texas Instruments INA281 Datasheet HTML 19Page - Texas Instruments INA281 Datasheet HTML 20Page - Texas Instruments INA281 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
Table 7-3. Design Parameters
DESIGN PARAMETERS
EXAMPLE VALUE
Power supply voltage
5 V
Common mode voltage range
0 V to 24 V
Maximum sense current
1.5 A
RSENSE resistor
50 mΩ
Gain option
50 V/V
7.2.2 Detailed Design Procedure
The INA281-Q1 is designed to measure current in a typical solenoid application. The INA281-Q1 measures
current across the 50-mΩ shunt that is placed at the output of the half-bridge. The INA281-Q1 measures the
differential voltage across the shunt resistor, and the signal is internally amplified with a gain of 50 V/V. The
output of the INA281-Q1 is connected to the analog-to-digital converter (ADC) of an MCU to digitize the current
measurements.
Solenoid loads are highly inductive and are often prone to failure. Solenoids are often used for position control,
precise fluid control, and fluid regulation. Measuring real-time current on the solenoid continuously can indicate
premature failure of the solenoid which can lead to a faulty control loop in the system. Measuring high-side
current also indicates if there are any ground faults on the solenoid or the FETs that can be damaged in an
application. TheINA281-Q1, with high bandwidth and slew rate, can be used to detect fast overcurrent conditions
to prevent the solenoid damage from short-to-ground faults.
7.2.2.1 Overload Recovery With Negative VSENSE
The INA281-Q1 is a unidirectional current-sense amplifier that is meant to operate with a positive differential
input voltage (VSENSE). If negative VSENSE is applied, the device is placed in an overload condition and requires
time to recover once VSENSE returns positive. The required overload recovery time increases with more negative
VSENSE.
7.2.3 Application Curve
Figure 7-3 shows the output response of a solenoid.
0
10
20
30
40
0
2
4
6
Time (50 ms/div)
VCM
VOUT
Figure 7-3. Solenoid Control Current Response
8 Power Supply Recommendations
The INA281-Q1 power supply can be 5 V, whereas the input common-mode voltage can vary between –4 V to
110 V. The output voltage range of the OUT pin, however, is limited by the voltage on the power-supply pin.
www.ti.com
INA281
SBOSA29A – JUNE 2020 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: INA281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com