Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA290 Datasheet(PDF) 4 Page - Texas Instruments

Part # INA290
Description  INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise, Current-Sense Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA290 Datasheet(HTML) 4 Page - Texas Instruments

  INA290 Datasheet HTML 1Page - Texas Instruments INA290 Datasheet HTML 2Page - Texas Instruments INA290 Datasheet HTML 3Page - Texas Instruments INA290 Datasheet HTML 4Page - Texas Instruments INA290 Datasheet HTML 5Page - Texas Instruments INA290 Datasheet HTML 6Page - Texas Instruments INA290 Datasheet HTML 7Page - Texas Instruments INA290 Datasheet HTML 8Page - Texas Instruments INA290 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
1
IN+1
12
IN+3
2
IN–1
11
IN–3
3
IN+2
10
IN+4
4
IN–2
9
IN–4
Not to scale
Thermal
Pad
A.
Thermal Pad can be left floating or connected to GND.
Figure 5-3. INA4290: RGV Package 16-Pin QFN Top View
Table 5-3. Pin Functions: INA4290 (Quad Channel)
PIN
TYPE
DESCRIPTION
NAME
NO.
GND
6, 7
Ground
Ground
IN–1
2
Input
Current-sense amplifier negative input for channel 1. Connect to load side of channel-1
sense resistor.
IN+1
1
Input
Current-sense amplifier positive input for channel 1. Connect to bus-voltage side of
channel-1 sense resistor.
IN–2
4
Input
Current-sense amplifier negative input for channel 2. Connect to load side of channel-2
sense resistor.
IN+2
3
Input
Current-sense amplifier positive input for channel 2. Connect to bus-voltage side of
channel-2 sense resistor.
IN–3
11
Input
Current-sense amplifier negative input for channel 3. Connect to load side of channel-3
sense resistor.
IN+3
12
Input
Current-sense amplifier positive input for channel 3. Connect to bus-voltage side of
channel-3 sense resistor.
IN–4
9
Input
Current-sense amplifier negative input for channel 4. Connect to load side of channel-4
sense resistor.
IN+4
10
Input
Current-sense amplifier positive input for channel 4. Connect to bus-voltage side of
channel-4 sense resistor.
OUT1
16
Output
Channel 1 output voltage
OUT2
5
Output
Channel 2 output voltage
OUT3
13
Output
Channel 3 output voltage
OUT4
8
Output
Channel 4 output voltage
VS
14, 15
Power
Power supply
INA290, INA2290, INA4290
SBOS961C – JUNE 2020 – REVISED JUNE 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA290 INA2290 INA4290



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com