Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D20 Datasheet(PDF) 10 Page - STMicroelectronics

Part # D20
Description  Memory Micromodules General Information for D1, D2 and C Packaging
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D20 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button D20 Datasheet HTML 5Page - STMicroelectronics D20 Datasheet HTML 6Page - STMicroelectronics D20 Datasheet HTML 7Page - STMicroelectronics D20 Datasheet HTML 8Page - STMicroelectronics D20 Datasheet HTML 9Page - STMicroelectronics D20 Datasheet HTML 10Page - STMicroelectronics D20 Datasheet HTML 11Page - STMicroelectronics D20 Datasheet HTML 12Page - STMicroelectronics D20 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
2.2min
2.54
4.75
9.5
1.422
R0.15
5.2
±0.2
(P)ø2.2
(M)ø1.5
7 max
0.16
0.58 max
0.1
DIE SIDE
CROSS SECTION
CONTACT SIDE
Copyright SGS-THOMSON Microelectronics. Unauthorized reproduction and communication is stricly
GRAPHIC TITLE:
GRAPHICS REV.
SCALE
CONTROLED BY:
DRAWN BY:
DATUM
Z.I. de Rousset
Fax (33) 42.53.22.88
Tel. (33) 42.25.88.00
B.P. 2 - 13106 ROUSSET CEDEX
POA FOR MICROMODULE D15
06/1998
ROYER.G
STEFFEN.F
none
A
NOTE:
- (P) is reject identification hole ø2.2
- (M) may be punched with (P): center positioning
±0.2
- Sproket holes may be with or without metalisation
- Recommended punching contour for the customer: 8.32*11
R1.4
- Minimal contact area according to ISO 7816-1
GENERAL TOLERANCE IS
±0.1 mm
ALL DIMENSIONS ARE IN MILLIMETERS
Measurements are subject to change without notice
PACKAGE CODE
FU
8.12
R1.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com