Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA3221 Datasheet(PDF) 34 Page - Texas Instruments

Part # INA3221
Description  INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA3221 Datasheet(HTML) 34 Page - Texas Instruments

Back Button INA3221 Datasheet HTML 30Page - Texas Instruments INA3221 Datasheet HTML 31Page - Texas Instruments INA3221 Datasheet HTML 32Page - Texas Instruments INA3221 Datasheet HTML 33Page - Texas Instruments INA3221 Datasheet HTML 34Page - Texas Instruments INA3221 Datasheet HTML 35Page - Texas Instruments INA3221 Datasheet HTML 36Page - Texas Instruments INA3221 Datasheet HTML 37Page - Texas Instruments INA3221 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
7.6.2.16 Mask/Enable Register (address = 0Fh) [reset = 0002h]
This register selects which function is enabled to control the Critical alert and Warning alert pins, and how each
warning alert responds to the corresponding channel. Read the Mask/Enable register to clear any flag results
present. Writing to this register does not clear the flag bit status. To make sure that there is no uncertainty in the
warning function setting that resulted in a flag bit being set, the Mask/Enable register must be read from to clear
the flag bit status before changing the warning function setting.
Table 7-35. Mask/Enable Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
—
SCC1
SCC2
SCC3
WEN
CEN
CF1
CF2
CF3
SF
WF1
WF2
WF3
PVF
TCF
CVRF
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-1
RW-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 7-36. Mask/Enable Register Field Descriptions
Bit
Field
Type
Reset
Description
15
Reserved
R/W
0h
Reserved
14-12
SCC1-3
R/W
0h
Summation channel control. These bits determine which shunt voltage measurement
channels are enabled to fill the Shunt-Voltage Sum register. The selection of these bits
does not impact the individual channel enable or disable status, or the corresponding
channel measurements. The corresponding bit is used to select if the channel is used
to fill the Shunt-Voltage Sum register.
0 = Disabled (default)
1 = Enabled
11
WEN
R/W
0h
Warning alert latch enable. These bits configure the latching feature of the Warning
alert pin.
0 = Transparent (default)
1 = Latch enabled
10
CEN
R/W
0h
Critical alert latch enable. These bits configure the latching feature of the Critical alert
pin.
0 = Transparent (default)
1 = Latch enabled
9-7
CF1-3
R/W
0h
Critical-alert flag indicator. These bits are asserted if the corresponding channel
measurement has exceeded the critical alert limit resulting in the Critical alert pin being
asserted. Read these bits to determine which channel caused the critical alert. The
critical alert flag bits are cleared when the Mask/Enable register is read back.
6
SF
R/W
0h
Summation-alert flag indicator. This bit is asserted if the Shunt Voltage Sum register
exceeds the Shunt Voltage Sum Limit register. If the summation alert flag is asserted,
the Critical alert pin is also asserted. The Summation Alert Flag bit is cleared when the
Mask/Enable register is read back.
5-3
WF1-3
R/W
0h
Warning-alert flag indicator. These bits are asserted if the corresponding channel
averaged measurement has exceeded the warning alert limit, resulting in the Warning
alert pin being asserted. Read these bits to determine which channel caused the
warning alert. The Warning Alert Flag bits clear when the Mask/Enable register is read
back.
2
PVF
R/W
0h
Power-valid-alert flag indicator. This bit can be used to be able to determine if the
power valid (PV) alert pin has been asserted through software rather than hardware.
The bit setting corresponds to the status of the PV pin. This bit does not clear until the
condition that caused the alert is removed, and the PV pin has cleared.
1
TCF
R/W
11h
Timing-control-alert flag indicator. Use this bit to determine if the timing control (TC)
alert pin has been asserted through software rather than hardware. The bit setting
corresponds to the status of the TC pin. This bit does not clear after it has been
asserted unless the power is recycled or a software reset is issued. The default state
for the timing control alert flag is high.
INA3221
SBOS576C – MAY 2012 – REVISED SEPTEMBER 2025
www.ti.com
34
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com